Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-7881CW-4 Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-7881CW-4
Description  DOTMATRIX DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-7881CW-4 Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-7881CW-4 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7881CW-4 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7881CW-4 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7881CW-4 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7881CW-4 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
DOT MATRIX DISPLAY
PartNO.:FYM-7881CW/DW-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
: Absolute maximum ratings (Ta=25℃)
Value
Parameter
Symbol
Test Condition
Min
Max
Unit
Reverse
Voltage
VR
IR=30A
5
-----
V
Forward
Current
IF
-----
------
30
mA
Power Dissipation
Pd
-----
------
100
mW
Pulse Current
Ipeak
Duty=0.1mS,
1KHz
------
150
mA
Operating
Temperature
Topr
-----
-40
+85
°C
Storage
Temperature
Tstr
-----
-40
+85
°C
·-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused
■ Description:
·Color Code & Chip characteristics: (Test Condition: IF=20mA)
Forward
Voltage(VF)
Unit:V
Emitting Color
Dice
Material
Peak Wave
Length(P)
Spectral
Line
halfwidth(
1/2)
Typ
Max
Luminous
Intensity
(Iv)
Unit:mcd
W
White
InGaN
X=0.29,y=0.30
2.80
3.80
180-200
U
W
Ultra
White
InGaN
X=0.29,y=0.30
2.80
3.80
180-200


Similar Part No. - FYM-7881CW-4

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-7881CX FORYARD-FYM-7881CX Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
FYM-7881CX-0 FORYARD-FYM-7881CX-0 Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
FYM-7881CX-1 FORYARD-FYM-7881CX-1 Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
FYM-7881CX-2 FORYARD-FYM-7881CX-2 Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
FYM-7881CX-3 FORYARD-FYM-7881CX-3 Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-7881CW-4

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYML-23881AXXX FORYARD-FYML-23881AXXX Datasheet
389Kb / 5P
   DOTMATRIX DISPLAY
FYM-34581AX FORYARD-FYM-34581AX Datasheet
441Kb / 5P
   DOTMATRIX DISPLAY
FYM-46581AXX FORYARD-FYM-46581AXX Datasheet
460Kb / 5P
   DOTMATRIX DISPLAY
FYM-19881AXX FORYARD-FYM-19881AXX Datasheet
508Kb / 5P
   DOTMATRIX DISPLAY
FYM-20881CX FORYARD-FYM-20881CX Datasheet
414Kb / 5P
   DOTMATRIX DISPLAY
FYM-23881CXX FORYARD-FYM-23881CXX Datasheet
557Kb / 5P
   DOTMATRIX DISPLAY
FYM-12882CXX FORYARD-FYM-12882CXX Datasheet
500Kb / 5P
   DOTMATRIX DISPLAY
FYM-23882CX FORYARD-FYM-23882CX Datasheet
418Kb / 5P
   DOTMATRIX DISPLAY
FYM-19881CXX FORYARD-FYM-19881CXX Datasheet
554Kb / 5P
   DOTMATRIX DISPLAY
YM-23581CX FORYARD-YM-23581CX Datasheet
425Kb / 5P
   DOTMATRIX DISPLAY
YM-23581CXX FORYARD-YM-23581CXX Datasheet
470Kb / 5P
   DOTMATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com