Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYM-7881CW-2 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYM-7881CW-2
Description  DOTMATRIX DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYM-7881CW-2 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYM-7881CW-2 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7881CW-2 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7881CW-2 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7881CW-2 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYM-7881CW-2 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NINGBO FORYARD OPTO
ELECTRONICS CO.,LTD.
DOT MATRIX DISPLAY
PartNO.:FYM-7881CW/DW-XX
ADD: NO.115 QiXin
Road
NingBo
Zhejiang
China
ZIP.: 315051
TEL: 0086-574-87927870
87933652
FAX:0086-574-87927917
Http://www.foryard.com
E-mail:sales@foryard.com
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B)
(C)
(D)
(2)
(3)
(8)
(4)
(1) (6)
(5)
(9)
(10)
Wavelength(nm)
RELATIVE INTENSITY Vs WAVELENGTH(
)
λ p
(1) - GaAsP/GaAs 655nm/Red
(2) - GaP 570nm/Yellow Green
(3) - GaAsP/GaP 585nm/Yellow
(4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
(5) - GaP 700nm/Bright Red
(6) - GaAlAs/GaAs 660nm/Super Red
(8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Green
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
50
60
70
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KHz
3KHz
1KHz
300KHz
100KHz F-REFRESH RATE
100KHz
30KHz
10KHz
3KHz
1KHz
300Hz
100Hz
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMINOUS
INTENSITY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PULSE DURATION uS
(1,2,3,4,6,8,B.D.J.K)
NOTE:25
free air temperature unless otherwise specified
tp-PULSE DURATION uS
FORWARD CURRENT (mA)
AMBIENT TEMPERATURE Ta(
)
(5)


Similar Part No. - FYM-7881CW-2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYM-7881CX FORYARD-FYM-7881CX Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
FYM-7881CX-0 FORYARD-FYM-7881CX-0 Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
FYM-7881CX-1 FORYARD-FYM-7881CX-1 Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
FYM-7881CX-2 FORYARD-FYM-7881CX-2 Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
FYM-7881CX-3 FORYARD-FYM-7881CX-3 Datasheet
477Kb / 5P
   DOTMATRIX DISPLAY
More results

Similar Description - FYM-7881CW-2

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYML-23881AXXX FORYARD-FYML-23881AXXX Datasheet
389Kb / 5P
   DOTMATRIX DISPLAY
FYM-34581AX FORYARD-FYM-34581AX Datasheet
441Kb / 5P
   DOTMATRIX DISPLAY
FYM-46581AXX FORYARD-FYM-46581AXX Datasheet
460Kb / 5P
   DOTMATRIX DISPLAY
FYM-19881AXX FORYARD-FYM-19881AXX Datasheet
508Kb / 5P
   DOTMATRIX DISPLAY
FYM-20881CX FORYARD-FYM-20881CX Datasheet
414Kb / 5P
   DOTMATRIX DISPLAY
FYM-23881CXX FORYARD-FYM-23881CXX Datasheet
557Kb / 5P
   DOTMATRIX DISPLAY
FYM-12882CXX FORYARD-FYM-12882CXX Datasheet
500Kb / 5P
   DOTMATRIX DISPLAY
FYM-23882CX FORYARD-FYM-23882CX Datasheet
418Kb / 5P
   DOTMATRIX DISPLAY
FYM-19881CXX FORYARD-FYM-19881CXX Datasheet
554Kb / 5P
   DOTMATRIX DISPLAY
YM-23581CX FORYARD-YM-23581CX Datasheet
425Kb / 5P
   DOTMATRIX DISPLAY
YM-23581CXX FORYARD-YM-23581CXX Datasheet
470Kb / 5P
   DOTMATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com