Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-PC11 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC-PC11
Description  SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-PC11 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC-PC11 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-PC11 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
9 - 5
20 Alpha Road Chelmsford, MA 01824
Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
Instrumentation Product Support at TE@hittite.com
9
HMC-T2240
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
v01.0710
HMC-T2240 Rear Panel I/O Connections
Connectivity & Control
Its compact size, light weight, fast switching speed and USB,
GBIP and Ethernet control interfaces support the standard
SCPI command set ensuring smooth integration within all test
environments, particularly those associated with automated
test. An installation disk that accompanies each unit includes
all the drivers required to remotely control the device as well as
a user friendly GUI interface (right) compatible with a Windows
XP ®, Windows 7® or Windows Vista® operating system. User
control is facilitated via pull down menus that allow program-
ming of single or swept modes in frequency or power. Integra-
tion of multiple units within a production test environment is
easy, and affordable.
Remote Interface
Hardware: USB (Windows XP®, Windows 7®,
Windows Vista® Drivers Supplied), GPIB or Ethernet
Software: LabVIEW 2009 Driver
Frequency Switching Speed:
500 us Typ.
Local Interface
Front Panel Rotary Knob & Display
Windows ® - Windows XP ® , Windows 7 ® and Windows Vista ® are
registered trademarks of Microsoft Corporation.


Similar Part No. - HMC-PC11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-PC11 HITTITE-HMC-PC11 Datasheet
3Mb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
More results

Similar Description - HMC-PC11

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-T2100 HITTITE-HMC-T2100 Datasheet
847Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2220 HITTITE-HMC-T2220 Datasheet
3Mb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2100B HITTITE-HMC-T2100B_11 Datasheet
1Mb / 8P
   Portable Synthesized Signal Generator, 10 MHz to 20 GHz
HMC-T1000A HITTITE-HMC-T1000A_10 Datasheet
402Kb / 4P
   DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109 Datasheet
281Kb / 8P
   Wideband Amplifier 10 MHz - 40 GHz
logo
Analog Devices
AD9166 AD-AD9166 Datasheet
2Mb / 138P
   DC to 9 GHz Vector Signal Generator
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. A
AD8319 AD-AD8319 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com