Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP5N50 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDP5N50
Description  N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP5N50 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDP5N50 Datasheet HTML 1Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 2Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 3Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 4Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 5Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 6Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 7Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 8Page - Fairchild Semiconductor FDP5N50 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
FDP5N50 / FDPF5N50 Rev. A
www.fairchildsemi.com
5
Typical Performance Characteristics (Continued)
Figure 12. Transient Thermal Response Curve - FDP5N50
Figure 13. Transient Thermal Response Curve - FDPF5N50
t1
PDM
t2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
0.01
0.1
1
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 1.4
o
C/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
3
t1
PDM
t2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
0.01
0.1
1
10
0.01
0.1
0.2
0.05
0.02
*Notes:
1. ZθJC(t) = 4.5
o
C/W Max.
2. Duty Factor, D= t1/t2
3. TJM - TC = PDM * ZθJC(t)
0.5
Single pulse
Rectangular Pulse Duration [sec]
t1
PDM
t2


Similar Part No. - FDP5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDP5N50F FAIRCHILD-FDP5N50F Datasheet
807Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
FDP5N50F FAIRCHILD-FDP5N50F_12 Datasheet
466Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
FDP5N50NZ FAIRCHILD-FDP5N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP5N50NZ ISC-FDP5N50NZ Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP5N50

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com