Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDPF5N50 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDPF5N50
Description  N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPF5N50 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FDPF5N50 Datasheet HTML 2Page - Fairchild Semiconductor FDPF5N50 Datasheet HTML 3Page - Fairchild Semiconductor FDPF5N50 Datasheet HTML 4Page - Fairchild Semiconductor FDPF5N50 Datasheet HTML 5Page - Fairchild Semiconductor FDPF5N50 Datasheet HTML 6Page - Fairchild Semiconductor FDPF5N50 Datasheet HTML 7Page - Fairchild Semiconductor FDPF5N50 Datasheet HTML 8Page - Fairchild Semiconductor FDPF5N50 Datasheet HTML 9Page - Fairchild Semiconductor FDPF5N50 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FDP5N50 / FDPF5N50 Rev. A
www.fairchildsemi.com
6
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDPF5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF5N50 FAIRCHILD-FDPF5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDPF5N50FT FAIRCHILD-FDPF5N50FT Datasheet
807Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
logo
Inchange Semiconductor ...
FDPF5N50FT ISC-FDPF5N50FT Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDPF5N50FT FAIRCHILD-FDPF5N50FT_12 Datasheet
466Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4.5A, 1.55廓
FDPF5N50NZ FAIRCHILD-FDPF5N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FDPF5N50

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
   N-Channel MOSFET
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
   N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
   N-Channel MOSFET
logo
SemiWell Semiconductor
SFP50N06 SEMIWELL-SFP50N06 Datasheet
895Kb / 7P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com