Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-PC09 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC-PC09
Description  SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-PC09 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC-PC09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-PC09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-PC09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-PC09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-PC09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-PC09 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
9 - 6
20 Alpha Road Chelmsford, MA 01824
Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
Instrumentation Product Support at TE@hittite.com
9
HMC-T2220
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
v00.1210
Ordering Information
HMC-T2220
Power Cord
All pricing is in U.S. Dollars and is subject to change without notice.
Model Number
Description
Price
HMC-T2220
Synthesized Signal generator
10 Mhz to 20 ghz
$9,998.00
Includes 100 - 240V AC Power Supply and one Power Cord at no cost.
Please specify your preferred power cord part number at time of
ordering. (see “Optional Power Cord” table)
Part Number
Region
hMC-PC01
Continental europe
hMC-PC02
United Kingdom
hMC-PC03
China
hMC-PC04
Australia, new zealand
hMC-PC05
north America
hMC-PC06
South Africa / india
hMC-PC07
Switzerland
hMC-PC08
denmark
hMC-PC09
israel
hMC-PC10
italy
hMC-PC11
Japan
Part Number
Description
Price
hMC-RM02
dual Rack Mounting Plate
19” 2u Chassis
$385.00
Test Rack Mount Kit


Similar Part No. - HMC-PC09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-PC09 HITTITE-HMC-PC09 Datasheet
1,020Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
More results

Similar Description - HMC-PC09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-T2100 HITTITE-HMC-T2100 Datasheet
847Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2100B HITTITE-HMC-T2100B_11 Datasheet
1Mb / 8P
   Portable Synthesized Signal Generator, 10 MHz to 20 GHz
HMC-T2240 HITTITE-HMC-T2240 Datasheet
1,020Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
HMC-T1000A HITTITE-HMC-T1000A_10 Datasheet
402Kb / 4P
   DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
Analog Devices
AD9166 AD-AD9166 Datasheet
2Mb / 138P
   DC to 9 GHz Vector Signal Generator
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
logo
Marki Microwave
BT-0026 MARKIMICROWAVE-BT-0026 Datasheet
586Kb / 4P
   Broadband: 10 MHz to 26 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com