Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-PC08 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC-PC08
Description  SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-PC08 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC-PC08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-PC08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-PC08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-PC08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-PC08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-PC08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9 - 3
20 Alpha Road Chelmsford, MA 01824
Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
Instrumentation Product Support at TE@hittite.com
9
HMC-T2220
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
v00.1210
Max Output Power @ 25°C
0
5
10
15
20
25
30
35
0
2
4
6
8
10
12
14
16
18
20
FREQUENCY (GHz)
Frequency
Accuracy: As Per internal Ref. ±1.5 ppm
Resolution: 1 hz
internal Reference: 10 Mhz
Aging Rate: <1 ppm/yr
external Reference input: 10 Mhz (Sine)
internal Reference Output: 10 Mhz (Square Wave)
Spurious @ 10 dBm Output
< -60 dBc @ integer Frequencies
< -65 dBc @ Fractional Frequencies <10 ghz
< -57 dBc @ Fractional Frequencies >10 ghz
SSB Phase Noise vs. Frequency
-160
-140
-120
-100
-80
-60
-40
10
1
10
2
10
3
10
4
10
5
10
6
10
7
10
8
10 MHz
50 MHz
100 MHz
1 GHz
5 GHz
10 GHz
15 GHz
20 GHz
OFFSET FREQUENCY (Hz)
Harmonics
SSB Phase Noise (dBc/Hz)
Frequency
(GHz)
2nd
Harmonics
(dBc)
3rd
Harmonics
(dBc)
Spurious
(dBc)
0.01
-34
-44
-65
0.05
-30
-42
-70
0.1
-31
-46
-65
0.5
-34
-55
-65
1
-33
-52
-65
2
-43
-57
-75
5
-32
-54
-75
10
-34
-58
-75
15
-39
-48
-75
20
-55
-
-75
Output Power = +10 dBm
Frequency
(GHz)
Offset From Carrier
10 hz
100 hz
1 khz
10 khz 100 khz 1 Mhz 10 Mhz
0.01
-87
-97
-106
-113
-107
-126
-140
0.05
-86.4
-96.2
-106
-112
-108
-128
-140
0.10
-86
-97
-107
-114
-108
-129
-143
0.50
-82
-95
-119
-125
-125
-139
-143
1
-77
-89
-113
-119
-119
-135
-144
5
-64
-75
-99
-105
-105
-124
-145
10
-58
-69
-92
-98
-99
-118
-143
15
-56
-66
-89
-95
-94
-111
-134
20
-51
-63
-86
-92
-93
-112
-137
Output noise: Floor < -155 dBc/hz
Above data is typical performance at +25°C after 30 minutes of warm-up time unless otherwise stated.
Output Power (Maximum)
Frequency
(GHz)
Power Output (dBm)
0.01
24
0.05
28
0.1
28
0.5
28
1
28
2
27
4
27
10
27
15
27
20
24
Minimum Settable: -35 dBm
dynamic Range: >60 dB
Resolution: 0.1 dB
Power Accuracy: ±1 dB > -20 dBm
±2 dB < -20 dBm


Similar Part No. - HMC-PC08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-PC08 HITTITE-HMC-PC08 Datasheet
1,020Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
More results

Similar Description - HMC-PC08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-T2100 HITTITE-HMC-T2100 Datasheet
847Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2100B HITTITE-HMC-T2100B_11 Datasheet
1Mb / 8P
   Portable Synthesized Signal Generator, 10 MHz to 20 GHz
HMC-T2240 HITTITE-HMC-T2240 Datasheet
1,020Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
HMC-T1000A HITTITE-HMC-T1000A_10 Datasheet
402Kb / 4P
   DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
Analog Devices
AD9166 AD-AD9166 Datasheet
2Mb / 138P
   DC to 9 GHz Vector Signal Generator
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
   3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
logo
Marki Microwave
BT-0026 MARKIMICROWAVE-BT-0026 Datasheet
586Kb / 4P
   Broadband: 10 MHz to 26 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com