Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC-PC05 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC-PC05
Description  SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-PC05 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC-PC05 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-PC05 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-PC05 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-PC05 Datasheet HTML 4Page - Hittite Microwave Corporation HMC-PC05 Datasheet HTML 5Page - Hittite Microwave Corporation HMC-PC05 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
9 - 3
20 Alpha Road Chelmsford, MA 01824
Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
Instrumentation Product Support at TE@hittite.com
9
HMC-T2240
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
v01.0710
Output Power Range @ 25°C
0
5
10
15
20
25
30
35
40
0
4
8
12
162024
28
323640
FREQUENCY (GHz)
Frequency
Accuracy: As Per Internal Ref. ±2 ppm
Resolution: 1 Hz
Internal Reference: 10 MHz
Aging Rate: <1 ppm/yr
External Reference Input: 10 MHz (Sine)
Internal Reference Output: 10 MHz (Square Wave)
Spurious @ 10 dBm Output
< -60 dBc @ Integer Frequencies
< -45 dBc @ Fractional Frequencies
SSB Phase Noise vs. Frequency
-160
-140
-120
-100
-80
-60
-40
-20
0
1e+1
1e+2
1e+3
1e+4
1e+5
1e+6
1e+7
10 MHz
1 GHz
5 GHz
10 GHz
15 GHz
20 GHz
25 GHz
30 GHz
40 GHz
FREQUENCY OFFSET (Hz)
Harmonics
SSB Phase Noise (dBc/Hz)
Frequency
(GHz)
2nd
Harmonics
(dBc)
3rd
Harmonics
(dBc)
0.01
-20
-36
0.05
-36
-41
0.1
-21
-31
0.5
-27
-38
1-30
-49
2-30
-52
5-38
-56
10
-29
-55
15
-27
-44
20
-42
-
25
-26
-
Output Power = +10 dBm
Frequency
(GHz)
Power Output (dBm)
0.01
26
0.1
29
0.5
29
129
528
10
26
15
25
20
21
25
20
30
22
35
21
40
20
Frequency
(GHz)
Offset From Carrier
10 Hz
100 Hz
1 kHz
10 kHz 100 kHz 1 MHz
10 MHz
0.01
-79
-89
-100
-106
-102
-126
-140
0.10
-88
-95
-103
-110
-104
-128
-140
0.50
-85
-93
-117
-122
-120
-135
-136
1
-87
-89
-111
-116
-114
-134
-146
5-72
-75
-96
-102
-98
-123
-145
10
-61
-64
-90
-96
-92
-117
-142
15
-60
-62
-87
-92
-90
-110
-133
20
-51
-60
-84
-90
-86
-111
-136
25
-55
-63
-78
-83
-82
-99
-126
30
-53
-65
-82
-87
-85
-105
-120
40
-50
-59
-78
-84
-81
-105
-126
Output Noise: Floor < -155 dBc/Hz
Above data is typical performance at +25°C after 30 minutes of warm-up time unless otherwise stated.
Output Power (Maximum Leveled)
Minimum Settable: -40 dBm
Dynamic Range: >60 dB
Resolution: 0.1 dB
Power Accuracy: ±1 dB for leveled outputs


Similar Part No. - HMC-PC05

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-PC05 HITTITE-HMC-PC05 Datasheet
3Mb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
More results

Similar Description - HMC-PC05

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-T2100 HITTITE-HMC-T2100 Datasheet
847Kb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2220 HITTITE-HMC-T2220 Datasheet
3Mb / 6P
   SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2100B HITTITE-HMC-T2100B_11 Datasheet
1Mb / 8P
   Portable Synthesized Signal Generator, 10 MHz to 20 GHz
HMC-T1000A HITTITE-HMC-T1000A_10 Datasheet
402Kb / 4P
   DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
   Synthesized Signal Generator
logo
M/A-COM Technology Solu...
MAAM-011109 MA-COM-MAAM-011109 Datasheet
281Kb / 8P
   Wideband Amplifier 10 MHz - 40 GHz
logo
Analog Devices
AD9166 AD-AD9166 Datasheet
2Mb / 138P
   DC to 9 GHz Vector Signal Generator
AD8319 AD-AD8319_07 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. A
AD8319 AD-AD8319 Datasheet
1Mb / 20P
   1 MHz to 10 GHz, 40 dB Log Detector/Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com