Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD310N Datasheet(PDF) 6 Page - eupec GmbH

Part # TD310N
Description  Netz-Thyristor-Modul Phase Control Thyristor Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

TD310N Datasheet(HTML) 6 Page - eupec GmbH

Back Button TD310N Datasheet HTML 2Page - eupec GmbH TD310N Datasheet HTML 3Page - eupec GmbH TD310N Datasheet HTML 4Page - eupec GmbH TD310N Datasheet HTML 5Page - eupec GmbH TD310N Datasheet HTML 6Page - eupec GmbH TD310N Datasheet HTML 7Page - eupec GmbH TD310N Datasheet HTML 8Page - eupec GmbH TD310N Datasheet HTML 9Page - eupec GmbH TD310N Datasheet HTML 10Page - eupec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
N
Netz-Thyristor-Modul
Phase Control Thyristor Module
Datenblatt / Data sheet
TT310N
BIP AC / 22 Nov 1994, A. Rüther
A 72/94
6/12
Seite/page
Diagramme
Durchgangsverluste bei Sinus
Durchgangsverluste bei Rechteck
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
ITAV [A]
Q = 30°
60°
90°
120°
180°
0
180°
Durchlassverlustleistung je Zweig / On-state power loss per arm PTAV = f(ITAV)
Sinusförmiger Strom / Sinusoidal current
Strombelastung je Zweig / Current load per arm
Berechnungsgrundlage PTAV (Schaltverluste gesondert berücksichtigen)
Calculation base PTAV (switching losses should be considered separately)
Parameter: Stromflußwinkel / Current conduction angle Θ
0
200
400
600
800
1000
1200
0
100
200
300
400
500
600
700
ITAV [A]
DC
180°
120°
90°
60°
Q = 30°
0
180°
Durchlassverlustleistung je Zweig / On-state power loss per arm PTAV = f(ITAV)
Rechteckförmiger Strom / Rectangular current
Strombelastung je Zweig / Current load per arm
Berechnungsgrundlage PTAV (Schaltverluste gesondert berücksichtigen)
Calculation base PTAV (switching losses should be considered separately)
Parameter: Stromflußwinkel / Current conduction angle Θ


Similar Part No. - TD310N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD310N STMICROELECTRONICS-TD310N Datasheet
82Kb / 9P
   TRIPLE IGBT/MOS DRIVER
More results

Similar Description - TD310N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT140N EUPEC-TT140N Datasheet
411Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
logo
eupec GmbH
TT106N EUPEC-TT106N Datasheet
404Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TZ150N EUPEC-TZ150N Datasheet
461Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TT70N EUPEC-TT70N_02 Datasheet
417Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
ETT420N22P60 INFINEON-ETT420N22P60 Datasheet
429Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2018-07-30 Revision: 3.1
TT104N INFINEON-TT104N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
TT570N18KOF INFINEON-TT570N18KOF Datasheet
550Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2021-02-12 Revision: 3.1
TT92N INFINEON-TT92N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
logo
eupec GmbH
TZ375N EUPEC-TZ375N Datasheet
460Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT600N16KOF INFINEON-TT600N16KOF_16 Datasheet
431Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2016-11-25 Revision: 3.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com