Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC966LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC966LP4E
Description  GaAs MMIC I/Q DOWNCONVERTER 17 - 20 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC966LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC966LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC966LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC966LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC966LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC966LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC966LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC966LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC966LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC966LP4E Datasheet HTML 10Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9
9 - 6
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Conversion Gain, LSB vs. Temperature
Conversion Gain, LSB vs. LO Drive
Image Rejection vs. Temperature
Data Taken as IRM With External IF 90° Hybrid, IF = 2000 MHz
* conversion gain data taken with external iF 90° iF hybrid, LO frequency fixed at 8.5 GHz and rF varied
0
5
10
15
20
25
17
18
19
20
2 dBm
4 dBm
6 dBm
RF FREQUENCY (GHz)
0
5
10
15
20
25
17
18
19
20
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
-60
-50
-40
-30
-20
-10
0
17
18
19
20
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
17
18
19
20
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
Input IP3, LSB vs. Temperature
-15
-10
-5
0
5
10
15
17
18
19
20
2 dBm
4 dBm
6 dBm
RF FREQUENCY (GHz)
Input IP3, LSB vs. LO Drive
HMC966LP4E
v00.1210
GaAs MMIC I/Q DOWNCONVERTER
17 - 20 GHz


Similar Part No. - HMC966LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC960LP4E HITTITE-HMC960LP4E Datasheet
2Mb / 20P
   DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
logo
Analog Devices
HMC960LP4E AD-HMC960LP4E Datasheet
1Mb / 20P
   DC - 100 MHz DUAL Digital Variable Ga in AmplifieR with Driver
logo
Hittite Microwave Corpo...
HMC962LC4 HITTITE-HMC962LC4 Datasheet
1,019Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 7.5 - 26.5 GHz
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
More results

Similar Description - HMC966LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC570 HITTITE-HMC570 Datasheet
331Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570 AD-HMC570 Datasheet
421Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC570LC5 HITTITE-HMC570LC5 Datasheet
236Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Analog Devices
HMC570LC5 AD-HMC570LC5 Datasheet
431Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
logo
Hittite Microwave Corpo...
HMC904LC5 HITTITE-HMC904LC5 Datasheet
570Kb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 24 GHz
HMC570 HITTITE-HMC570_11 Datasheet
393Kb / 8P
   GaAs MMIC I/Q DOWNCONVERTER 17 - 21 GHz
HMC977LP4E HITTITE-HMC977LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 20 - 28 GHz
logo
Analog Devices
HMC977 AD-HMC977 Datasheet
797Kb / 20P
   GaAs, MMIC, I/Q, Downconverter, 20 GHz to 28 GHz
logo
Hittite Microwave Corpo...
HMC967LP4E HITTITE-HMC967LP4E Datasheet
1Mb / 12P
   GaAs MMIC I/Q DOWNCONVERTER 21 - 24 GHz
HMC567LC5 HITTITE-HMC567LC5 Datasheet
246Kb / 6P
   GaAs MMIC I/Q DOWNCONVERTER 7 - 9 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com