Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4800IMX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN4800IMX
Description  Low Start-Up Current PFC/PWM Controller Combos
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800IMX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN4800IMX Datasheet HTML 6Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 7Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 8Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 9Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 10Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 11Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 12Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 13Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800 Rev. 1.0.5
10
3. The output of the voltage error amplifier, VEAO. The
gain modulator responds linearly to variations in this
voltage.
The output of the gain modulator is a current signal, in
the form of a full wave rectified sinusoid at twice the line
frequency. This current is applied to the virtual ground
(negative) input of the current error amplifier. In this way,
the gain modulator forms the reference for the current
error loop and ultimately controls the instantaneous cur-
rent draw of the PFC from the power line. The general
form of the output of the gain modulator is:
More precisely, the output current of the gain modulator
is given by:
where K is in units of V-1.
Note that the output current of the gain modulator is lim-
ited around 228.57µA and the maximum output voltage
of the gain modulator is limited to 228.57µA x 3.5K =
0.8V.
This 0.8V also determines the maximum input power.
However, IGAINMOD cannot be measured directly from
ISENSE. ISENSE = IGAINMOD – IOFFSET and IOFFSET can
only be measured when VEAO is less than 0.5V and
IGAINMOD is 0A. Typical IOFFSET is around 60µA.
1.2 Selecting RAC for IAC pin
IAC pin is the input of the gain modulator. IAC is also a
current mirror input and requires current input. Selecting
a proper resistor RAC provides a good sine wave current
derived from the line voltage and helps program the
maximum input power and minimum input line voltage.
RAC = VIN peak x 7.9K. For example, if the minimum line
voltage is 80VAC, the RAC = 80 x 1.414 x 7.9K = 894kΩ.
1.3 Current Error Amplifier, IEAO
The current error amplifier’s output controls the PFC duty
cycle to keep the average current through the boost
inductor a linear function of the line voltage. At the invert-
ing input to the current error amplifier, the output current
of the gain modulator is summed with a current, which
results from a negative voltage being impressed upon
the ISENSE pin.
The negative voltage on ISENSE represents the sum of all
currents flowing in the PFC circuit and is typically derived
from a current sense resistor in series with the negative
terminal of the input bridge rectifier.
The inverting input of the current error amplifier is a vir-
tual ground. Given this fact, and the arrangement of the
duty cycle modulator polarities internal to the PFC, an
increase in positive current from the gain modulator
causes the output stage to increase its duty cycle until
the voltage on ISENSE is adequately negative to cancel
this increased current. Similarly, if the gain modulator’s
output decreases, the output duty cycle decreases to
achieve a less negative voltage on the ISENSE pin.
1.4 Cycle-By-Cycle Current Limiter and Selecting RS
As well as being a part of the current feedback loop, the
ISENSE pin is a direct input to the cycle-by-cycle current
limiter for the PFC section. If the input voltage at this pin
is ever less than -1V, the output of the PFC is disabled
until the protection flip-flop is reset by the clock pulse at
the start of the next PFC power cycle.
RS is the sensing resistor of the PFC boost converter.
During the steady state, line input current x RS equals
IGAINMOD x 3.5K.
Since the maximum output voltage of the gain modulator
is IGAINMOD maximum x 3.5k = 0.8V during the steady
state, RS x line input current is limited to below 0.8V as
well. Therefore, to choose RS, use the following equation:
For example, if the minimum input voltage is 80VAC and
the maximum input RMS power is 200Watt,
RS = (0.8V x 80V x 1.414) / (2 x 200) = 0.226Ω.
1.5 PFC OVP
In the FAN4800, the PFC OVP comparator serves to pro-
tect the power circuit from being subjected to excessive
voltages if the load changes suddenly. A resistor divider
from the high-voltage DC output of the PFC is fed to VFB.
When the voltage on VFB exceeds 2.78V, the PFC output
driver is shut down. The PWM section continues to oper-
ate. The OVP comparator has 280mV of hysteresis and
the PFC does not restart until the voltage at VFB drops
below 2.50V. VCC OVP can also serve as a redundant
PFC OVP protection. VCC OVP threshold is 17.9V with
1.5V hysteresis.
2
1
AC
EAO
GAINMOD
RMS
IV
IV
V
×
(3)
(
0.625)
GAINMOD
EAO
AC
IK
V
I
×
(4)
(5)
0.8
2
INPEAK
S
VV
R
LineInput Power
×
=
×


Similar Part No. - FAN4800IMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800IMX FAIRCHILD-FAN4800IMX Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
More results

Similar Description - FAN4800IMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
   Current Mode PWM Controller Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
   Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com