Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4800IMX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN4800IMX
Description  Low Start-Up Current PFC/PWM Controller Combos
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800IMX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN4800IMX Datasheet HTML 1Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 2Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 3Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 4Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 5Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 6Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 7Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 8Page - Fairchild Semiconductor FAN4800IMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
November 2006
FAN4800 Rev. 1.0.5
FAN4800
Low Start-Up Current PFC/PWM Controller Combos
Features
Low start-up current (100µA typical)
Low operating current (2.5mA typical)
Low total harmonic distortion, high power factor
Pin-compatible upgrade for the ML4800
Average current, continuous or discontinuous boost,
leading-edge PFC
Slew rate enhanced transconductance error amplifier
for ultra-fast PFC response
Internally synchronized leading edge PFC and trailing-
edge PWM
Reduction of ripple current in the storage capacitor
between the PFC and PWM sections
PWM configurable for current-mode or voltage-mode
operation
Additional folded-back current limit for PWM section
20V BiCMOS process
VIN OK guaranteed turn-on PWM at 2.25V
VCC OVP comparator, low-power detect comparator
Current-fed gain modulator for improved noise
immunity
Brownout control, over-voltage protection, UVLO,
soft-start, and reference OK
Available in 16-DIP, 16-SOIC (wide) packages
Applications
Desktop PC Power Supply
Internet Server Power Supply
Uninterruptible Power Supply (UPS)
Battery Charger
DC Motor Power Supply
Monitor Power Supply
Telecom System Power Supply
Distributed Power
Description
The FAN4800 is a controller for power-factor-corrected,
switched-mode power supplies. Power Factor Correction
(PFC) allows the use of smaller, lower-cost bulk capaci-
tors, reduces power line loading and stress on the
switching FETs, and results in a power supply that fully
complies with IEC-1000-3-2 specifications. Intended as a
BiCMOS version of the industry-standard ML4800, the
FAN4800 includes circuits for the implementation of
leading edge, average current, boost-type power factor
correction, and a trailing-edge Pulse Width Modulator
(PWM). A gate driver with 1A capabilities minimizes the
need for external driver circuits. Low-power require-
ments improve efficiency and reduce component costs.
An over-voltage comparator shuts down the PFC section
in the event of a sudden decrease in load. The PFC sec-
tion also includes peak current limiting and input voltage
brownout protection. The PWM section can be operated
in current or voltage mode, at up to 250kHz, and
includes an accurate 50% duty cycle limit to prevent
transformer saturation.
The FAN4800 includes a folded-back current limit for the
PWM section to provide short-circuit protection.
Ordering Information
16-PDIP
16-SOIC
Part Number
Operating
Temp. Range
Pb-Free
Package
Packing
Method
Marking
Code
FAN4800IN
-40°C to +125°C
Yes
16-PDIP
Rail
FAN4800
FAN4800IM
-40°C to +125°C
Yes
16-SOIC
Rail
FAN4800
FAN4800IMX
-40°C to +125°C
Yes
16-SOIC
Tape & Reell
FAN4800


Similar Part No. - FAN4800IMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800IMX FAIRCHILD-FAN4800IMX Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
More results

Similar Description - FAN4800IMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800 Datasheet
315Kb / 20P
   Low Start-Up Current PFC/PWM Controller Combos
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
List of Unclassifed Man...
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
   LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
logo
Champion Microelectroni...
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
   LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
   Current Mode PWM Controller Low Start-Up and Operating Current
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
   ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
Semtech Corporation
SC4911 SEMTECH-SC4911 Datasheet
217Kb / 14P
   Bias/Primary Side PWM Controller with Ultra Low Start-up Current
logo
Fairchild Semiconductor
FAN4800 FAIRCHILD-FAN4800_10 Datasheet
411Kb / 19P
   Low Startup Current PFC/PWM Controller Combinations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com