Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR1045-BP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SR1045-BP
Description  10 Amp Schottky Barrier Rectifier 45 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SR1045-BP Datasheet(HTML) 1 Page - Micro Commercial Components

  SR1045-BP Datasheet HTML 1Page - Micro Commercial Components SR1045-BP Datasheet HTML 2Page - Micro Commercial Components SR1045-BP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR1045
10
Amp Schottky
Features
Guard Ring Protection
High Surge Current Capability
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
Maximum Ratings
Operating Temperature: -55
to +150
Storage Temperature: -55
to +150
Maximum Thermal Resistance: 3 C/W Junction to Case
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Rectified
Output current
IO
10A
Tc = 95
Maximum surge
current
IFSM
275A
8.3ms,half sine
Max peak forward
voltage
IFM = 10A
Max peak reverse
current
IRM
0.5mA
50mA
TJ = 25
TJ = 100
Typical junction
capacitance
CJ
450pF
VR = 4.0V,
f=1.0MHz
Revision:
1
20
10/05/26
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0 and MSL rating 1
www.mccsemi.com
1 of 3
o
45V
SR1045
31.5V
45V
VFM
.55V
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Barrier Rectifier
45 Volts
INCHES
DIM
MIN
MAX
MIN
MAX
NOTE
A
.340
.360
8.60
9.10
B
.340
.360
8.60
9.10
C
.048
.052
1.20
1.30
D
1.000
---
25.40
---
B
D
D
C
Cathode
MM
DIMENSIONS
R-6
A


Similar Part No. - SR1045-BP

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR1045-10A-DO-27 DGNJDZ-SR1045-10A-DO-27 Datasheet
480Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS 10.0A
More results

Similar Description - SR1045-BP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SR1045 MCC-SR1045_11 Datasheet
323Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
MBR1045ULPS MCC-MBR1045ULPS Datasheet
259Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
SR1045 MCC-SR1045_13 Datasheet
202Kb / 3P
   10 Amp Schottky Barrier Rectifier 45 Volts
MBRD1045C MCC-MBRD1045C Datasheet
434Kb / 2P
   10 Amp Schottky Barrier Rectifier 45 Volts
logo
Solid States Devices, I...
SED10HB45 SSDI-SED10HB45 Datasheet
42Kb / 2P
   10 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Microsemi Corporation
PPR1510E MICROSEMI-PPR1510E Datasheet
169Kb / 2P
   45 VOLTS, 10 AMP SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
SK1045-L MCC-SK1045-L Datasheet
168Kb / 2P
   10 Amp Schottky Rectifier 45 Volts
logo
Solid States Devices, I...
SSR1645-5 SSDI-SSR1645-5 Datasheet
198Kb / 2P
   10 AMP 45 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBRB1030CT MCC-MBRB1030CT Datasheet
90Kb / 2P
   10 Amp Schottky Barrier Rectifier 30 to 45 Volts
MBR10U45L MCC-MBR10U45L_16 Datasheet
345Kb / 3P
   10 Amp Low VF Schottky Barrier Rectifier 45 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com