Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE42994E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42994E
Description  Low Dropout Fixed Voltage Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42994E Datasheet HTML 5Page - Infineon Technologies AG TLE42994E Datasheet HTML 6Page - Infineon Technologies AG TLE42994E Datasheet HTML 7Page - Infineon Technologies AG TLE42994E Datasheet HTML 8Page - Infineon Technologies AG TLE42994E Datasheet HTML 9Page - Infineon Technologies AG TLE42994E Datasheet HTML 10Page - Infineon Technologies AG TLE42994E Datasheet HTML 11Page - Infineon Technologies AG TLE42994E Datasheet HTML 12Page - Infineon Technologies AG TLE42994E Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
9
Rev. 1.1, 2009-05-19
TLE42994
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Absolute Maximum Ratings 1)
-40 °C
≤ Tj ≤ 150 °C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
1) not subject to production test, specified by design
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Input I, Enable Input EN, Sense Input SI
4.1.1
Voltage
V
I, VEN,
V
SI
-40
45
V
Output Q, Reset Output RO, Sense Output SO
4.1.2
Voltage
V
Q, VRO,
V
SO
-0.3
7
V
Reset Delay D, Reset Threshold RADJ
4.1.3
Voltage
V
D, VRADJ
-0.3
7
V
Temperature
4.1.4
Junction Temperature
T
j
-40
150
°C–
4.1.5
Storage Temperature
T
stg
-50
150
°C–
ESD Absorption
4.1.6
ESD Absorption
V
ESD,HBM
-2
2
kV
Human Body
Model (HBM)2)
2) ESD susceptibility Human Body Model “HBM” according to AEC-Q100-002 - JESD22-A114
4.1.7
V
ESD,CDM
-500
500
V
Charge Device
Model (CDM)3)
3) ESD susceptibility Charged Device Model “CDM” according to ESDA STM5.3.1
4.1.8
-750
750
V
Charge Device
Model (CDM)3) at
corner pins


Similar Part No. - TLE42994E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994E INFINEON-TLE42994E Datasheet
1Mb / 36P
   Extreme Low Current Consumption In ON State
TLE42994EV33 INFINEON-TLE42994EV33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42994EV33 INFINEON-TLE42994EV33 Datasheet
1Mb / 33P
   Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com