Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9214A Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9214A
Description  Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9214A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9214A Datasheet HTML 1Page - Intersil Corporation ISL9214A Datasheet HTML 2Page - Intersil Corporation ISL9214A Datasheet HTML 3Page - Intersil Corporation ISL9214A Datasheet HTML 4Page - Intersil Corporation ISL9214A Datasheet HTML 5Page - Intersil Corporation ISL9214A Datasheet HTML 6Page - Intersil Corporation ISL9214A Datasheet HTML 7Page - Intersil Corporation ISL9214A Datasheet HTML 8Page - Intersil Corporation ISL9214A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN6698.0
May 5, 2008
Absolute Maximum Ratings
Thermal Information
Supply Voltage (CRDL, USB) . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
Other Input Voltage (EN, USBON, ICDL, IMIN, BAT) . . . -0.3V to 7V
Open-Drain Pull-Up Voltage (PPR, CHG) . . . . . . . . . . . . -0.3V to 7V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage (USB Pin) . . . . . . . . . . . . . . . . . . . . . . 4.3V to 5.5V
Supply Voltage (CRDL Pin) . . . . . . . . . . . . . . . . . . . . . . 4.3V to 24V
Typical Cradle Charge Current . . . . . . . . . . . . . . . . . . 100mA to 1A
Typical USB Charge Current . . . . . . . . . . . . . . . . . . . . . . . . . 380mA
Thermal Resistance
θJA (°C/W) θJC (°C/W)
DFN Package (Notes 1, 2) . . . . . . . . . .
40
2.5
Maximum Junction Temperature (Plastic Package) . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For theta
θJC the "case temp." location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Typical values are tested at USB = CRDL = 5V and +25°C Ambient Temperature, maximum and minimum
values are established over the recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
POWER-ON RESET
Rising USB/CRDL Threshold
3.4
3.9
4.2
V
Falling USB/CRDL Threshold
3.15
3.3
3.45
V
VIN-BAT OFFSET VOLTAGE
Rising Edge
VOS
VBAT = 4.0V, use CHG pin to indicate the
comparator output (Note 3)
-
150
250
mV
Falling Edge
VOS
20
80
-
mV
STANDBY CURRENT
BAT Pin Sink Current
ISTANDBY EN = HIGH or both inputs are floating
-
0.05
0.5
µA
CRDL Pin Supply Current
ICRDL
EN = HIGH
-
150
220
µA
USB Pin Supply Current
IUSB
-
150
220
µA
CRDL/USB Pin Supply Current
EN = LOW or floating
-
0.55
0.8
mA
VOLTAGE REGULATION
Output Voltage
VCH
Load = 10mA
4.158
4.2
4.242
V
Output Voltage
VCH
Load = 10mA (Tj = +25°C)
4.174
4.2
4.226
V
CRDL PMOS ON-Resistance
VBAT = 3.8V, ICHARGER = 0.3A, (Tj = +25°C)
200
600
850
m
Ω
USB PMOS ON-Resistance
VBAT = 3.8V, ICHARGER = 0.3A, (Tj = +25°C)
200
600
850
m
Ω
CHARGE CURRENT (Note 4)
ICDL Pin Output Voltage
VICDL
VBAT = 3.8V
1.19
1.22
1.25
V
CRDL Input Constant Charge Current
ICHARGE RICDL = 12.4kΩ, VBAT: 2.7V to 3.8V
520
550
580
mA
CRDL Input Trickle Charge Current
ITRICKLE RICDL = 12.4kΩ, VBAT = 2.2V
Given as a % of the CRDL ICHARGE
16
18
20
%
CRDL and USB End-of-Charge Threshold
IMIN
RIMIN = 10.0kΩ
46.5
55
63.5
mA
USB Input Constant Charge Current
ICHARGE USBON = HIGH, VBAT: 2.7V to 3.8V
332
380
410
mA
USB Input Trickle Charge Current
ITRICKLE VBAT = 2.2V
66
80
91
mA
PRECONDITIONING CHARGE THRESHOLD
Preconditioning Charge Threshold Voltage
VMIN
2.5
2.6
2.7
V
ISL9214A


Similar Part No. - ISL9214A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9214A RENESAS-ISL9214A Datasheet
536Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214A INTERSIL-ISL9214A Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
logo
Renesas Technology Corp
ISL9214AIRZ RENESAS-ISL9214AIRZ Datasheet
536Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
More results

Similar Description - ISL9214A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6293 RENESAS-ISL6293 Datasheet
429Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL6299A INTERSIL-ISL6299A_06 Datasheet
232Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6299A INTERSIL-ISL6299A Datasheet
222Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL6299A RENESAS-ISL6299A Datasheet
416Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214AIRZ INTERSIL-ISL9214AIRZ Datasheet
202Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
May 5, 2008
ISL6299 INTERSIL-ISL6299 Datasheet
225Kb / 8P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Renesas Technology Corp
ISL9214 RENESAS-ISL9214 Datasheet
533Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
logo
Intersil Corporation
ISL9214 INTERSIL-ISL9214 Datasheet
193Kb / 11P
   Li-ion/Li-Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293 Datasheet
208Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
ISL6293 INTERSIL-ISL6293_06 Datasheet
222Kb / 8P
   Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com