Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6627 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6627
Description  Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6627 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6627 Datasheet HTML 2Page - Intersil Corporation ISL6627 Datasheet HTML 3Page - Intersil Corporation ISL6627 Datasheet HTML 4Page - Intersil Corporation ISL6627 Datasheet HTML 5Page - Intersil Corporation ISL6627 Datasheet HTML 6Page - Intersil Corporation ISL6627 Datasheet HTML 7Page - Intersil Corporation ISL6627 Datasheet HTML 8Page - Intersil Corporation ISL6627 Datasheet HTML 9Page - Intersil Corporation ISL6627 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ISL6364
6
FN6861.0
December 22, 2010
Typical Application: 4-Phase Coupled-Inductor VR and 1-Phase VR
COMP
FB
IMON
VSEN
RGND
EN_VTT
VTT
SVDATA
VR_RDY
TM
RSET
SICI
CPU
LOAD
VIN
+5V
EN_PWR
ISL6364
VR_RDYS
VR_HOT#
NTC
SVCLK
SVALERT#
IMONS
FS_DRP
FSS_DRPS
OVP
VIN
RAMP_ADJ
+5V
BTS_DES_TCOMPS
+5V
ADDR_IMAXS_TMAX
+5V
NPSI_DE_IMAX
+5V
BT_FDVID_TCOMP
COMPS
FBS
HFCOMPS/DVCS
HFCOMP
PSICOMP
GND
GPU
LOAD
VSENS
RGNDS
ISENS-
ISENS+
PWMS
+12V
VCC
PVCC
PWM
BOOT
UGATE
PHASE
LGATE
GND
VIN
ISL6625
DRIVER
NTC: BETA = ~ 3477
VCC
+5V
ISEN1-
ISEN1+
PWM1
ISEN3-
ISEN3+
PWM3
GND
VCC
PVCC
PWM1
BOOT1
VIN
PWM2
BOOT2
UGATE2
PHASE2
LGATE2
PGND
VIN
12V
ISL6610
DRIVER
PHASE1
UGATE1
LGATE1
+5V
ISEN2-
ISEN2+
PWM2
ISEN4-
ISEN4+
PWM4
GND
VCC
PVCC
PWM1
BOOT1
VIN
PWM2
BOOT2
UGATE2
PHASE2
LGATE2
PGND
VIN
12V
ISL6610
DRIVER
PHASE1
UGATE1
LGATE1
+5V
TMS
+5V
NTC
+5V


Similar Part No. - ISL6627

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6627 INTERSIL-ISL6627 Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
ISL6627 INTERSIL-ISL6627 Datasheet
463Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6627 RENESAS-ISL6627 Datasheet
578Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
logo
Intersil Corporation
ISL6627 INTERSIL-ISL6627 Datasheet
343Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
January 24, 2014
ISL6627CRZ INTERSIL-ISL6627CRZ Datasheet
463Kb / 11P
   VR11.1, VR12 Compatible Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6627

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6366 INTERSIL-ISL6366 Datasheet
1Mb / 44P
   Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
logo
Renesas Technology Corp
ISL6364A RENESAS-ISL6364A Datasheet
153Kb / 2P
   Green Dual 41 PWM Controller for VR12/IMVP7 Applications with AUTO Phase Shedding
April 10, 2012
ISL6364C RENESAS-ISL6364C Datasheet
192Kb / 2P
   Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
Aug 7, 2013
logo
Intersil Corporation
ISL6364CCRZ INTERSIL-ISL6364CCRZ Datasheet
92Kb / 3P
   Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
11/9/2011
logo
Maxim Integrated Produc...
MAX17411 MAXIM-MAX17411 Datasheet
3Mb / 72P
   Dual-Output, 3-/2-/1-Phase 2-/1-Phase Quick-PWM Controllers for VR12/IMVP7
19-5742; Rev 1; 7/11
logo
Renesas Technology Corp
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
   Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
logo
Maxim Integrated Produc...
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
   Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
ON Semiconductor
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
logo
Monolithic Power System...
MP2935 MPS-MP2935 Datasheet
1Mb / 42P
   4-Phase PWM Controller for VR12.5 Applications
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com