Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9305IRTHWLNCZ-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL9305IRTHWLNCZ-T
Description  3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9305IRTHWLNCZ-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL9305IRTHWLNCZ-T Datasheet HTML 1Page - Intersil Corporation ISL9305IRTHWLNCZ-T Datasheet HTML 2Page - Intersil Corporation ISL9305IRTHWLNCZ-T Datasheet HTML 3Page - Intersil Corporation ISL9305IRTHWLNCZ-T Datasheet HTML 4Page - Intersil Corporation ISL9305IRTHWLNCZ-T Datasheet HTML 5Page - Intersil Corporation ISL9305IRTHWLNCZ-T Datasheet HTML 6Page - Intersil Corporation ISL9305IRTHWLNCZ-T Datasheet HTML 7Page - Intersil Corporation ISL9305IRTHWLNCZ-T Datasheet HTML 8Page - Intersil Corporation ISL9305IRTHWLNCZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ISL9305H
3
FN7724.0
November 8, 2010
Block Diagram
11
FB2
Feedback pin for DCD2, connect external voltage divider resistors between DCD2 output, this pin and ground. For
fixed output versions, connect this pin directly to the DCD2 output.
12
VINDCD2
Input voltage for buck converter DCD2.
13
SW2
Switching node for DCD2, connect to one terminal of the inductor.
14
GNDDCD2
Power ground for DCD2.
15
GNDDCD1
Power ground for DCD1.
16
SW1
Switching node for DCD1, connect to one terminal of the inductor.
E-PAD
E-PAD
Exposed Pad. Connect to system ground.
Pin Descriptions (Continued)
PIN NUMBER
(TQFN)
NAME
DESCRIPTION
LDO1
300mA
I2C
INTERFACE
DCD2
BUCK
CONVERTER
UVLO
VREF
OSC
VINDCD1
FB1
SW1
GNDDCD1
VINDCD2
FB2
SW2
GNDDCD2
VINLDO1
VOLDO1
VINLDO2
VOLDO2
SDAT
SCLK
DCDPG
GNDLDO
10µF
10µF
1µF
10µF
10µF
10µF
10µF
1µF
1.5µH
1.5µH
DCD1
BUCK
CONVERTER
OVERCURRENT
PROTECTION
ANALOG/LOGIC
CIRCUIT INPUT
THERMAL
SHUTDOWN
PGOOD WITH
1~200ms
DELAY TIME
LDO2
300mA
SHORT
CIRCUIT
PROTECTION


Similar Part No. - ISL9305IRTHWLNCZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTHWLNCZ-T INTERSIL-ISL9305IRTHWLNCZ-T Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
ISL9305IRTHWLNCZ-T INTERSIL-ISL9305IRTHWLNCZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
logo
Renesas Technology Corp
ISL9305IRTHWLNCZ-T RENESAS-ISL9305IRTHWLNCZ-T Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
More results

Similar Description - ISL9305IRTHWLNCZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9305IRTHAANLZ-T INTERSIL-ISL9305IRTHAANLZ-T Datasheet
664Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
October 5, 2011
ISL9305H INTERSIL-ISL9305H_11 Datasheet
666Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Renesas Technology Corp
ISL9305H RENESAS-ISL9305H Datasheet
808Kb / 17P
   3MHz Dual 1.5A Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305IRTAANLZ-T INTERSIL-ISL9305IRTAANLZ-T Datasheet
568Kb / 16P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
February 9, 2015
logo
Renesas Technology Corp
ISL9305 RENESAS-ISL9305 Datasheet
924Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs with I2C Compatible Interface
logo
Intersil Corporation
ISL9305 INTERSIL-ISL9305_11 Datasheet
777Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9305 INTERSIL-ISL9305 Datasheet
784Kb / 17P
   3MHz Dual Step-Down Converters and Dual Low-Input LDOs
ISL9307IRTAAJBZ-T INTERSIL-ISL9307IRTAAJBZ-T Datasheet
378Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
September 20, 2012
logo
Renesas Technology Corp
ISL9307 RENESAS-ISL9307 Datasheet
678Kb / 13P
   3MHz Dual 1500mA Step-Down Converters and Dual Low-Input LDOs
logo
Maxim Integrated Produc...
MAX16922 MAXIM-MAX16922 Datasheet
1Mb / 16P
   2.2MHz, Dual, Step-Down DC-DC Converters, Dual LDOs, and RESET
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com