Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP881N08NG Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPP881N08NG
Description  n-channel Power-Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP881N08NG Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPP881N08NG Datasheet HTML 1Page - Infineon Technologies AG IPP881N08NG Datasheet HTML 2Page - Infineon Technologies AG IPP881N08NG Datasheet HTML 3Page - Infineon Technologies AG IPP881N08NG Datasheet HTML 4Page - Infineon Technologies AG IPP881N08NG Datasheet HTML 5Page - Infineon Technologies AG IPP881N08NG Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IPP881N08N G
5 Drain-source on-state resistance
6 Typ. capacitances
R DS(on)=f(T j); I D=73 A; V GS=10 V
C =f(V DS); V GS=0 V; f =1 MHz
7 Avalanche characteristics
8 Drain-source breakdown voltage
I AS=f(t AV); R GS=25 Ω
V BR(DSS)=f(T j); I D=1 mA
parameter: T j(start)
Ciss
Coss
Crss
10
4
10
3
10
2
10
1
020
40
60
80
V DS [V]
25 °C
100 °C
150 °C
1
10
100
0.1
1
10
100
1000
t AV [µs]
60
65
70
75
80
85
90
-60
-20
20
60
100
140
180
T j [°C]
typ
0
2
4
6
8
10
12
-60
-20
20
60
100
140
180
T j [°C]
Rev. 2.1
page 4
2008-06-19


Similar Part No. - IPP881N08NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP80CN10N INFINEON-IPP80CN10N Datasheet
710Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
logo
Inchange Semiconductor ...
IPP80CN10N ISC-IPP80CN10N Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPP80CN10N-G INFINEON-IPP80CN10N-G Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP80CN10N-G INFINEON-IPP80CN10N-G Datasheet
1Mb / 12P
   N-channel, normal level
Rev. 1.091 2013-07-25
IPP80CN10NG INFINEON-IPP80CN10NG Datasheet
710Kb / 13P
   OptiMOS짰2 Power-Transistor
Rev. 1.01 2006-06-02
More results

Similar Description - IPP881N08NG

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOL1432A AOSMD-AOL1432A Datasheet
162Kb / 7P
   N-Channel SDMOS POWER Transistor
logo
Thinki Semiconductor Co...
F55NF06 THINKISEMI-F55NF06 Datasheet
334Kb / 6P
   N-CHANNEL POWER MOSFET TRANSISTOR
logo
Alpha & Omega Semicondu...
AOD4136 AOSMD-AOD4136 Datasheet
156Kb / 6P
   N-Channel SDMOSTM POWER Transistor
logo
Siemens Semiconductor G...
BUZ332A SIEMENS-BUZ332A Datasheet
215Kb / 9P
   SIPMOS Power Transistor(N Channel)
BUZ91 SIEMENS-BUZ91 Datasheet
121Kb / 9P
   SIPMOS Power Transistor(N Channel)
logo
Alpha & Omega Semicondu...
AOT412 AOSMD-AOT412 Datasheet
315Kb / 7P
   N-Channel SDMOSTM Power Transistor
AOD472A AOSMD-AOD472A Datasheet
158Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOD4140 AOSMD-AOD4140 Datasheet
202Kb / 7P
   N-Channel SDMOSTM POWER Transistor
AOD4142 AOSMD-AOD4142 Datasheet
151Kb / 7P
   N-Channel SDMOSTM POWER Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com