Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAD5510P Datasheet(PDF) 8 Page - Intersil Corporation

Part # KAD5510P
Description  Low Power 10-Bit, 250/210/170/125MSPS ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

KAD5510P Datasheet(HTML) 8 Page - Intersil Corporation

Back Button KAD5510P_11 Datasheet HTML 4Page - Intersil Corporation KAD5510P_11 Datasheet HTML 5Page - Intersil Corporation KAD5510P_11 Datasheet HTML 6Page - Intersil Corporation KAD5510P_11 Datasheet HTML 7Page - Intersil Corporation KAD5510P_11 Datasheet HTML 8Page - Intersil Corporation KAD5510P_11 Datasheet HTML 9Page - Intersil Corporation KAD5510P_11 Datasheet HTML 10Page - Intersil Corporation KAD5510P_11 Datasheet HTML 11Page - Intersil Corporation KAD5510P_11 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
KAD5510P
8
FN7693.1
January 3, 2011
Effective Number of
Bits
ENOB
fIN = 10MHz
9.8
9.8
9.8
9.8
Bits
fIN = 105MHz
9.5
9.8
9.6
9.8
9.6
9.8
9.6
9.8
Bits
fIN = 190MHz
9.8
9.8
9.8
9.8
Bits
fIN = 364MHz
9.7
9.8
9.8
9.7
Bits
fIN = 695MHz
9.1
9.2
9.2
9.1
Bits
fIN = 995MHz
8.0
7.5
7.6
7.9
Bits
Spurious-Free
Dynamic Range
SFDR
fIN = 10MHz
83.0
82.0
78.0
79.0
dBc
fIN = 105MHz
73.0 86.1
73.0 86.6
73.0 84.6
73.0 85.8
dBc
fIN = 190MHz
78.0
80.1
81.0
81.2
dBc
fIN = 364MHz
76.2
77.1
77.9
72.1
dBc
fIN = 695MHz
60.8
61.9
61.0
61.1
dBc
fIN = 995MHz
50.2
47.2
47.9
49.4
dBc
Intermodulation
Distortion
IMD
fIN = 70MHz
-86.1
-92.1
-94.5
-95.1
dBFS
fIN = 170MHz
-96.9
-87.1
-91.6
-85.7
dBFS
Word Error Rate
WER
10-12
10-12
10-12
10-12
Full Power
Bandwidth
FPBW
1.51.5
1.51.5
GHz
NOTES:
5. Digital Supply Current is dependent upon the capacitive loading of the digital outputs. IOVDD specifications apply for 10pF load on each digital
output.
6. See “Nap/Sleep” on page 18 for more details.
7. The DLL Range setting must be changed for low speed operation. See “Serial Peripheral Interface” on page 21 for more detail.
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -1dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade).
Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
KAD5510P-25
KAD5510P-21
KAD5510P-17
KAD5510P-12
UNITS
MIN
TYP
MAX MIN
TYP
MAX MIN
TYP
MAX MIN
TYP
MAX


Similar Part No. - KAD5510P_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
More results

Similar Description - KAD5510P_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5510P_1105 INTERSIL-KAD5510P_1105 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5510P RENESAS-KAD5510P Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5510P-25Q48 INTERSIL-KAD5510P-25Q48 Datasheet
1Mb / 31P
   Low Power 10-Bit, 250/210/170/125MSPS ADC
May 2, 2011
logo
List of Unclassifed Man...
KAD5512P ETC2-KAD5512P Datasheet
746Kb / 31P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5512P RENESAS-KAD5512P Datasheet
1Mb / 36P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
logo
Intersil Corporation
KAD5512P INTERSIL-KAD5512P_09 Datasheet
642Kb / 32P
   Low Power 12-Bit, 250/210/170/125MSPS ADC
KAD5514P INTERSIL-KAD5514P Datasheet
778Kb / 32P
   14-Bit, 250/210/170/125MSPS ADC
KAD5514P_0909 INTERSIL-KAD5514P_0909 Datasheet
805Kb / 34P
   14-Bit, 250/210/170/125MSPS ADC
logo
Renesas Technology Corp
KAD5514P RENESAS-KAD5514P Datasheet
1Mb / 34P
   14-Bit, 250/210/170/125MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com