Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2-24044 Datasheet(PDF) 6 Page - Intersil Corporation

Part # D2-24044
Description  Digital Audio Amplifier Power Stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-24044 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button D2-24044 Datasheet HTML 2Page - Intersil Corporation D2-24044 Datasheet HTML 3Page - Intersil Corporation D2-24044 Datasheet HTML 4Page - Intersil Corporation D2-24044 Datasheet HTML 5Page - Intersil Corporation D2-24044 Datasheet HTML 6Page - Intersil Corporation D2-24044 Datasheet HTML 7Page - Intersil Corporation D2-24044 Datasheet HTML 8Page - Intersil Corporation D2-24044 Datasheet HTML 9Page - Intersil Corporation D2-24044 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
FN7678.0
September 3, 2010
Pin Configuration
D2-24044
38 LD HTSSOP
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
38
37
36
35
34
33
32
28
27
26
25
24
23
13
14
15
16
17
31
30
29
OUTB
HSBSA
HSBSB
HGNDB
HVDDB
REG5V
VDDHV
IREF
HVDDC
HGNDC
OUTC
HSBSC
HSBSD
OUTD
HGNDD
HVDDD
18
19
nPDN
OUTA
PWMGND
HGNDA
HVDDA
PWM3
PWM4
PWM5
PWM6
PWM7
PWM8
PWMGND2
PWM2
PWM1
nOVRT
PWMVDD
OCFG0
OCFG1
nERRORA
nERRORB
nERRORC
nERRORD
22
21
20
Pin Description
PIN
PIN NAME
(Note 7)
TYPE
VOLTAGE
LEVEL
(V)
DESCRIPTION
1
nPDN
I
3.3
Power-down and mute input. Active low. When this input is low, all 4 outputs become
inactive and their output stages float, and their output is muted. Internal logic and other
references remain active during this power-down state.
2
OCFG1
I
3.3
Output configuration control select. OCFG0 and OCFG1 are logic inputs to select the
output configuration mode of the output stages. Connects to either PWMGND ground or
PWMVDD (+3.3V) through nominal 10kΩ resistor to select output configuration.
3
OCFG0
I
3.3
Output configuration control select. OCFG0 and OCFG1 are logic inputs to select the
output configuration mode of the output stages. Connects to either PWMGND ground or
PWMVDD (+3.3V) through nominal 10kΩ resistor to select output configuration.
4
PWMGND
GND
0
Low-voltage ground. Connects to ground of circuitry providing PWM inputs. Both
PWMGND and PWMGND2 are to tie together to the same ground.
5
PWMVDD
P
3.3
Low-voltage power. This 3.3V supply connects to the same system low-voltage power
used for providing PWM inputs.
6
nOVRT
O
3.3
Over-temperature warning output. Open drain, 16mA drive strength output with pull-up.
Pulls low when active from over-temperature detection.
7
PWM1
I
3.3
PWM Input. Routes to output channel, dependent on output configuration settings.
8
PWM2
I
3.3
PWM Input. Routes to output channel, dependent on output configuration settings.
9
PWM3
I
3.3
PWM Input. Routes to output channel, dependent on output configuration settings.
10
PWM4
I
3.3
PWM Input. Routes to output channel, dependent on output configuration settings.
11
PWM5
I
3.3
PWM Input. Routes to output channel, dependent on output configuration settings.
12
PWM6
I
3.3
PWM Input. Routes to output channel, dependent on output configuration settings.
D2-24044


Similar Part No. - D2-24044

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044 INTERSIL-D2-24044 Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
logo
Renesas Technology Corp
D2-24044-MR RENESAS-D2-24044-MR Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Intersil Corporation
D2-24044-MR-T INTERSIL-D2-24044-MR-T Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
More results

Similar Description - D2-24044

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-24044-MR INTERSIL-D2-24044-MR Datasheet
337Kb / 20P
   Digital Audio Amplifier Power Stage
September 3, 2010
logo
Renesas Technology Corp
D2-24044 RENESAS-D2-24044 Datasheet
824Kb / 20P
   Digital Audio Amplifier Power Stage
logo
Texas Instruments
TAS5111A TI-TAS5111A_15 Datasheet
428Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112A TI-TAS5112A_15 Datasheet
866Kb / 30P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI1-TAS5112_16 Datasheet
271Kb / 20P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5111 TI-TAS5111 Datasheet
202Kb / 16P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121I TI-TAS5121I_15 Datasheet
478Kb / 23P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5121 TI-TAS5121 Datasheet
321Kb / 17P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5112 TI-TAS5112 Datasheet
276Kb / 19P
[Old version datasheet]   DIGITAL AMPLIFIER POWER STAGE
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com