Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7276 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7276
Description  Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7276 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7276 Datasheet HTML 1Page - Infineon Technologies AG TLE7276 Datasheet HTML 2Page - Infineon Technologies AG TLE7276 Datasheet HTML 3Page - Infineon Technologies AG TLE7276 Datasheet HTML 4Page - Infineon Technologies AG TLE7276 Datasheet HTML 5Page - Infineon Technologies AG TLE7276 Datasheet HTML 6Page - Infineon Technologies AG TLE7276 Datasheet HTML 7Page - Infineon Technologies AG TLE7276 Datasheet HTML 8Page - Infineon Technologies AG TLE7276 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PG-TO263-5-1.vsd
I
INH
GND
N.C.
Q
1
5
PG-TO252-5-1.vsd
I
GND
INH N.C.
Q
1
5
Data Sheet
4
Rev. 1.11, 2010-11-22
TLE 7276
Figure 2
Pin Configuration P-TO252-5 (D-PAK), P-TO263-5 (D2-PAK)(top view)
Table 1
Pin Definitions and Functions
Pin No.
Symbol Function
1
I
Input; block to ground directly at the IC with a ceramic capacitor
2
INH
Inhibit Input; low level disables the IC. Integrated pull-down
resistor
3
GND
Ground; internally connected to heat sink
4
N.C.
Not connected
5
Q
Output; block to ground with a ceramic capacitor,
C ≥ 470 nF


Similar Part No. - TLE7276

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7276 INFINEON-TLE7276 Datasheet
445Kb / 18P
   5-V Low Drop Voltage Regulator
Rev. 1.0, 2005-02-05
TLE7276-2D INFINEON-TLE7276-2D Datasheet
424Kb / 19P
   Ultra Low Current Consumption 20
Rev. 1.0, June 2009
TLE7276-2E INFINEON-TLE7276-2E Datasheet
424Kb / 19P
   Ultra Low Current Consumption 20
Rev. 1.0, June 2009
TLE7276D INFINEON-TLE7276D Datasheet
445Kb / 18P
   5-V Low Drop Voltage Regulator
Rev. 1.0, 2005-02-05
TLE7276G INFINEON-TLE7276G Datasheet
445Kb / 18P
   5-V Low Drop Voltage Regulator
Rev. 1.0, 2005-02-05
More results

Similar Description - TLE7276

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4675 INFINEON-TLE4675 Datasheet
570Kb / 25P
   Low Drop Out Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.0, Sept. 2008
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
TLE4678 INFINEON-TLE4678 Datasheet
642Kb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.1, August 2009
TLE4678-2LD INFINEON-TLE4678-2LD Datasheet
2Mb / 33P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2014-03-03
TLE4699GM INFINEON-TLE4699GM Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
TLE4699 INFINEON-TLE4699 Datasheet
1Mb / 31P
   Low Drop Out Linear Voltage Regulator 5 V Fixed Output Voltage
Rev. 1.0, 2010-11-30
TLE4299GV33 INFINEON-TLE4299GV33 Datasheet
529Kb / 24P
   Low-Drop Fixed Voltage Regulator
Rev. 1.0 2005-01-27
TLE4299 INFINEON-TLE4299_07 Datasheet
475Kb / 25P
   Low-Drop Fixed Voltage Regulator
Rev. 1.1, 2007-10-17
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_10 Datasheet
704Kb / 24P
   Linear Low-drop Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com