Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54228IRTZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL54228IRTZ-T
Description  High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54228IRTZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL54228IRTZ-T Datasheet HTML 6Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 7Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 8Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 9Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 10Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 11Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 12Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 13Page - Intersil Corporation ISL54228IRTZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
ISL54228
10
FN7628.0
July 29, 2010
distortion and meet all the USB requirements for USB
2.0 full-speed signaling. See Figure 15 in the “Typical
Performance Curves” on page 14 for USB Full-speed
Eye Pattern taken with switch in the signal path.
The switches are active (turned ON) whenever the OE
voltage is logic “1” (High) and the LP voltage is logic
“X” (Don’t Care) and OFF when the OE voltage is logic
“0” (Low) and the LP voltage is logic “X” (Don’t Care).
When the OE voltage is logic “0” (Low) and the LP
voltage is logic “1” (High) the part goes into low power
mode.
OVERVOLTAGE PROTECTION (OVP)
The maximum normal operating signal range for the Dx
switches is from 0V to 3.6V. For normal operation, the
signal voltage should not be allowed to exceed these
voltage levels or go below ground by more than -0.3V.
However, in the event that a positive voltage >3.8V
(typ) to 5.25V, such as the USB 5V VBUS voltage, gets
shorted to one or both of the COM+ and COM- pins or
a negative voltage < -0.45V (typ) to -5V gets shorted
to one or both of the COM pins, the ISL54228 has OVP
circuitry to detect the overvoltage condition and open
the SPST switches to prevent damage to the USB
down-stream transceiver connected at the signal pins
(D-, D+).
The OVP and power-off protection circuitry allows the
COM pins (COM-, COM+) to be driven up to 5.25V
while the VDD supply voltage is in the range of 0V to
5.25V. In this condition, the part draws < 100µA of
ICOMx and IDD current and causes no stress to the IC.
In addition, the SPST switches are OFF and the fault
voltage is isolated from the other side of the switch.
External VDD Series Resistor to Limit IDD
Current During Negative OVP Condition
A 100Ω to 1kΩ resistor in series with the VDD pin (see
Figure 6) is required to limit the IDD current draw from
the system power supply rail during a negative OVP
fault event.
With a negative -5V fault voltage at both COM pins, the
graph in Figure 7 shows the IDD current draw for
different external resistor values for supply voltages of
5.25V, 3.6V, and 2.7V. Note: With a 500Ω resistor, the
current draw is limited to around 5mA. When the
negative fault voltage is removed, the IDD current will
return to it’s normal operation current of 25µA to 45µA.
The series resistor also provides improved ESD and
latch-up immunity. During an overvoltage transient
event (such as occurs during system level IEC 61000
ESD testing), substrate currents can be generated in
the IC that can trigger parasitic SCR structures to
turn ON, creating a low impedance path from the
VDD power supply to ground. This will result in a
significant amount of current flow in the IC, which
can potentially create a latch-up state or
permanently damage the IC. The external VDD
resistor limits the current during this over-stress
situation and has been found to prevent latch-up or
destructive damage for many overvoltage transient
events.
Under normal operation, the low microamp IDD
current of the IC produces an insignificant voltage
drop across the series resistor resulting in no impact
to switch operation or performance.
ISL54228 Operation
The following will discuss using the ISL54228 shown
in the “Application Block Diagram” on page 9.
POWER
The power supply connected at the VDD pin provides
the DC bias voltage required by the ISL54228 part for
proper operation. The ISL54228 can be operated with
a VDD voltage in the range of 2.7V to 5.25V.
For lowest power consumption you should use the
lowest VDD supply.
A 0.01µF or 0.1µF decoupling capacitor should be
connected from the VDD pin to ground to filter out
any power supply noise from entering the part. The
capacitor should be located as close to the VDD pin
as possible.
FIGURE 6. VDD SERIES RESISTOR TO LIMIT IDD
CURRENT DURING NEGATIVE OVP AND
FOR ENHANCED ESD AND LATCH-UP
IMMUNITY
FIGURE 7. NEGATIVE OVP IDD CURRENT vs
RESISTOR VALUE vs VSUPPLY
OE
D+
100Ω to 1kΩ
COM+
COM-
VSUPPLY
GND
C
PROTECTION
RESISTOR
OVP
LOGIC
D-
LP
IDD
VDD
-5V
FAULT
VOLTAGE
ALM
INT
LOW
TO
INDICATE
OVP
0
5
10
15
20
25
100 200 300 400 500 600 700 800 900 1k
RESISTOR (Ω)
VCOM+ = VCOM- = -5V
2.7V
3.6V
5.25V
ISL54228


Similar Part No. - ISL54228IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54228IRTZ-T RENESAS-ISL54228IRTZ-T Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54228IRTZ-T7A RENESAS-ISL54228IRTZ-T7A Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
More results

Similar Description - ISL54228IRTZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL54228 RENESAS-ISL54228 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP)
ISL54227 RENESAS-ISL54227 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54225 RENESAS-ISL54225 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Intersil Corporation
ISL54226 INTERSIL-ISL54226_10 Datasheet
784Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
ISL54227 INTERSIL-ISL54227_10 Datasheet
785Kb / 18P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Renesas Technology Corp
ISL54226 RENESAS-ISL54226 Datasheet
1Mb / 17P
   High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection
logo
Intersil Corporation
ISL54225 INTERSIL-ISL54225_10 Datasheet
758Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP)
logo
Renesas Technology Corp
ISL54224 RENESAS-ISL54224 Datasheet
1,019Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
Intersil Corporation
ISL54224 INTERSIL-ISL54224 Datasheet
807Kb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213_14 Datasheet
264Kb / 9P
   High-Speed USB 2.0 DPST Switch
November, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com