Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7273-2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7273-2
Description  Low Dropout Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7273-2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7273-2 Datasheet HTML 5Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 6Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 7Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 8Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 9Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 10Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 11Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 12Page - Infineon Technologies AG TLE7273-2 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Data Sheet
9
Rev. 1.2, 2009-04-28
TLE7273-2
Block Description and Electrical Characteristics
is in the very first turn after power up a long open window with tmax = 4 *
t
OW. In the following turns, the timing
corresponds to the standard timing setting as described in the specification.
When a valid trigger signal is detected during the open window a closed window is initialized immediately. A trigger
signal within the closed window is interpreted as a pretrigger failure and results in a reset. After the closed window
the open window with the duration
t
OW is started again. The open window lasts at minimum until the trigger process
has occurred, at maximum
t
OW is 32 ms (typ. value with fast timing).
A HIGH to LOW transition of the watchdog trigger signal at pin WDI is considered as a valid trigger pulse.
See Figure 7: To avoid wrong triggering due to parasitic glitches two HIGH samples followed by two LOW samples
(sample period
t
sam typ. 0.5 ms) are decoded as a valid trigger .
A reset is generated (RO goes LOW) if there is no trigger pulse during the open window or if a pretrigger occurs
during the closed window. The triggering is correct also, if the first three samples (two HIGH one LOW) of the
trigger pulse at pin WDI are inside the closed window and only the fourth sample (the second LOW sample) is
taken in the open window.
After turning OFF the Watchdog by output current reduction, RO remains high. (see also the signal diagram in
Figure 6). After turning ON the WWD again by exceeding the current threshold, the logic cycle starts again with
the Ignore Window and goes then into the “1st. long open window”. This 1st long OW is maximum 4 *
t
OW long and
allows the re-synchronisation between the micro controller and the WWD timing. The 1st. long OW is closed by
the first valid trigger on WDI from the mirco controller. This trigger ensures the synchronisation. As soon as this
trigger is done, the micro controller timing must be stable and correspondent to
t
WD.
AEA03527_1.VSD
No Trigger
Closed
Window
Open
Window
Trigger
WM1
LLH
H
WM2
L
H
L
H
Window Watchdog Mode
Fast
Slow
Fast
Off
Reset
Trigger
Ignore
Window
Always
Always
No Trigger During
Open Window
Trigger During
Closed Window
Reset Mode
Fast
Slow
Slow
Slow
Watchdog
OFF
IQ > 5mA
Always
IQ < 0.5mA
Figure 5
Window Watchdog State Diagram, Watchdog and Reset Modes


Similar Part No. - TLE7273-2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7273-2 INFINEON-TLE7273-2 Datasheet
885Kb / 26P
   Low Dropout Voltage Regulator
Rev. 1.21, Nov. 2014
TLE7273-2 INFINEON-TLE7273-2_14 Datasheet
885Kb / 26P
   Low Dropout Voltage Regulator
Rev. 1.21, Nov. 2014
More results

Similar Description - TLE7273-2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com