Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6625A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6625A
Description  Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6625A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6625A Datasheet HTML 6Page - Intersil Corporation ISL6625A Datasheet HTML 7Page - Intersil Corporation ISL6625A Datasheet HTML 8Page - Intersil Corporation ISL6625A Datasheet HTML 9Page - Intersil Corporation ISL6625A Datasheet HTML 10Page - Intersil Corporation ISL6625A Datasheet HTML 11Page - Intersil Corporation ISL6625A Datasheet HTML 12Page - Intersil Corporation ISL6625A Datasheet HTML 13Page - Intersil Corporation ISL6625A Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
ISL6366
10
FN6964.0
January 3, 2011
VR0 Peak Current Limit for Individual Channel
-
139
-
µA
VR1 Average Overcurrent Trip Level
CS Offset and Mirror Error Included, RISENS = 100Ω
-
100
-
µA
IMON, IMOS Clamped and OCP Trip Level
1.085
1.12
1.14
V
IMON, IMONS VOLTAGE IMAX (FF) TRIP POINT
Higher than this will be “FF”
875
880
887
mV
THERMAL MONITORING
VR_HOT# Pull-down Impedance
8.4
9.2
13
Ω
TM Voltage at Thermal Trip (Programmable via
TMAX)
TMAX = +100°C, see Table 7
-
39.12
-
%VCC
VR_HOT# and Thermal Alert# Hysteresis
-3
-
°C
Leakage Current of VR_HOT#
With external pull-up resistor connected to VCC
-
-
1
µA
VR READY AND PROTECTION MONITORS
Leakage Current of VR_RDY, VR_RDYS
With pull-up resistor externally connected to VCC
-
-
1
µA
VR READY Low Voltage
4mA Load
-
-
0.3
V
Overvoltage Protection Threshold
Prior to the End of Soft-start
-
2.30
-
V
After the End of Soft-start, the voltage above VID
160
179
200
mV
Overvoltage Protection Reset Hysteresis
98
107
117
mV
SVID BUS
ALERT# Pull-down Impedance
-11
13
Ω
SVDATA
-11
13
Ω
SVCLK Maximum Speed
-
26.5
-
MHz
SVCLK Minimum Speed
-
13.0
-
MHz
NOTES:
6. These parts are designed and adjusted for accuracy with all errors in the voltage loop included.
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
Electrical Specifications Recommended Operating Conditions, VCC = 5V, Unless Otherwise specified. Boldface limits apply over the
operating temperature range.
(Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 7)
TYP
MAX
(Note 7) UNITS


Similar Part No. - ISL6625A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6625A INTERSIL-ISL6625A Datasheet
1Mb / 44P
   Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
logo
Renesas Technology Corp
ISL6625A RENESAS-ISL6625A Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
logo
Intersil Corporation
ISL6625A INTERSIL-ISL6625A Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
ISL6625ACRZ-T INTERSIL-ISL6625ACRZ-T Datasheet
412Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
September 19, 2012
logo
Renesas Technology Corp
ISL6625ACRZ-T RENESAS-ISL6625ACRZ-T Datasheet
587Kb / 10P
   Synchronous Rectified Buck MOSFET Drivers
More results

Similar Description - ISL6625A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6364 INTERSIL-ISL6364 Datasheet
1Mb / 44P
   Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
logo
Renesas Technology Corp
ISL6364A RENESAS-ISL6364A Datasheet
153Kb / 2P
   Green Dual 41 PWM Controller for VR12/IMVP7 Applications with AUTO Phase Shedding
April 10, 2012
ISL6364C RENESAS-ISL6364C Datasheet
192Kb / 2P
   Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
Aug 7, 2013
logo
Intersil Corporation
ISL6364CCRZ INTERSIL-ISL6364CCRZ Datasheet
92Kb / 3P
   Dual 4-Phase 1-Phase PWM Controller for VR12 Desktop Applications
11/9/2011
logo
Renesas Technology Corp
ISL6367 RENESAS-ISL6367 Datasheet
165Kb / 2P
   Green Hybrid Digital Dual 61 Phase PWM Controller for VR12/IMVP7 Applications With SMBus/PMBus/I2C and AUTO Phase
logo
Maxim Integrated Produc...
MAX17411 MAXIM-MAX17411 Datasheet
3Mb / 72P
   Dual-Output, 3-/2-/1-Phase 2-/1-Phase Quick-PWM Controllers for VR12/IMVP7
19-5742; Rev 1; 7/11
MAX17039 MAXIM-MAX17039 Datasheet
62Kb / 1P
   Dual-Output, 3-Phase 1 Phase Quick-PWM Controller for VR12/IMVP-7
XX-XXXX; Rev 0; 7/09
logo
Intersil Corporation
ISL6367H INTERSIL-ISL6367H Datasheet
131Kb / 2P
   Green Hybrid Digital Dual 6-Phase 1 Phase PWM Controller
logo
ON Semiconductor
NCP6131NS52MNR2G ONSEMI-NCP6131NS52MNR2G Datasheet
14Kb / 1P
   NCP6131: IMVP7 1-, 2-, 3-Phase CPU Controller 1-Phase GPU Controller
5/4/2012
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com