Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12022MIBZ-TR5421 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL12022MIBZ-TR5421
Description  Low Power RTC with Battery Backed SRAM, Integrated 5ppm
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12022MIBZ-TR5421 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL12022MIBZ-TR5421 Datasheet HTML 6Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 7Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 8Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 9Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 10Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 11Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 12Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 13Page - Intersil Corporation ISL12022MIBZ-TR5421 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ISL12022MR5421
10
FN7576.1
June 4, 2010
General Description
The ISL12022MR5421 device is a low power real time
clock (RTC) with embedded temperature sensor and
crystal. It contains crystal frequency compensation
circuitry over the operating temperature range good to
±5ppm accuracy. It also contains a clock/calendar with
Daylight Savings Time (DST) adjustment, power fail and
low battery monitors, brownout indicator, 1 periodic or
polled alarm, intelligent battery backup switching and
128 Bytes of battery-backed user SRAM.
The oscillator uses an internal 32.768kHz crystal. The
real time clock tracks time with separate registers for
hours, minutes and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap
year correction. In addition, the ISL12022MR5421 can be
programmed for automatic Daylight Saving Time (DST)
adjustment by entering local DST information.
The ISL12022MR5421’s alarm can be set to any
clock/calendar value for a match. For example, every
minute, every Tuesday or at 5:23 AM on March 21. The
alarm status is available by checking the Status Register,
or the device can be configured to provide a hardware
interrupt via the IRQ/FOUT pin. There is a repeat mode
for the alarm allowing a periodic interrupt every minute,
every hour, every day, etc.
The device also offers a backup power input pin. This
VBAT pin allows the device to be backed up by battery or
supercapacitor with automatic switchover from VDD to
VBAT. The ISL12022MR5421 device is specified for
VDD = 2.7V to 5.5V and the clock/calendar portion of the
device remains fully operational in battery backup mode
down to 1.8V (Standby Mode). The VBAT level is
monitored and reported against preselected levels. The
first report is registered when the VBAT level falls below
85% of nominal level; the second level is set for 75%.
Battery levels are stored in PWR_VBAT registers.
The ISL12022MR5421 offers a “Brownout” alarm once
the VDD falls below a pre-selected trip level. This allows
system Micro to save vital information to memory
before complete power loss. There are six VDD levels
that could be selected for initiation of the Brownout
alarm.
FIGURE 8. IDD vs TEMPERATURE, 3 DIFFERENT FOUT
FIGURE 9. IBAT WITH TSE = 1, BTSE = 1 vs
TEMPERATURE
FIGURE 10. IDD WITH TSE = 1 vs TEMPERATURE
FIGURE 11. OSCILLATOR CHANGE vs TEMPERATURE
AT DIFFERENT AGING SETTINGS (IATR)
(BETA SET FOR 1ppm STEPS)
Typical Performance Curves Temperature is +25°C unless otherwise specified. (Continued)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-40
-20
0
2040
6080
TEMPERATURE (°C)
FOUT = 32kHz
FOUT = 64Hz
FOUT = 1Hz
20
30
40
50
60
70
80
90
100
110
-40
-20
0
20
406080
TEMPERATURE (°C)
VDD = 1.8V
VBAT = 5.5V
VDD = 3.0V
40
50
60
70
80
90
100
110
-40
-20
0
2040
6080
TEMPERATURE (°C)
VDD = 2.7V
VBAT = 5.5V
VDD = 3.3V
-80
-60
-40
-20
0
20
40
60
80
-40
-20
0
20406080
TEMPERATURE (°C)
62.5ppm
32ppm
-31ppm
-61.5ppm
0ppm
ISL12022MR5421


Similar Part No. - ISL12022MIBZ-TR5421

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12022MIBZ-TR5421 RENESAS-ISL12022MIBZ-TR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Similar Description - ISL12022MIBZ-TR5421

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M_V01 Datasheet
1Mb / 33P
   Low Power RTC with Battery Backed SRAM, Integrated ±5ppm Temperature Compensation and Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL12022 RENESAS-ISL12022_V01 Datasheet
1Mb / 32P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving
Oct 24, 2019
logo
Intersil Corporation
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com