Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPE6166CSE Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPE6166CSE
Description  10Base-T Interface Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6166CSE Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPE6166CSE_07 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Robust construction allows for toughest reflow processing
• Complies with or exceeds IEEE 802.3, 10Base-T Standards
• Manufactured in compliance with UL1950/UL1459
• Add “-RC” after part number for RoHS Compliant
• Operating Temperature : -40°C to +85°C
• Storage Temperature : -55°C to +125°C
• 1500 Vrms Isolation
EPE6166CSE & EPE6166CSE-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6166CSE & -RC
Rev. A6
10/16/07 JDG
• Cut-off Frequency : 17 MHz ± 1, Ref. @ 5 MHz • Cable Side Impedance : 100
Ω •
Common Mode
Rejection
(dB Min.)
Insertion
Loss
(dB Max.)
1-10 MHz
-1
Xmit
Return
Loss
(dB Min.)
5-10 MHz
-15
Xmit
@ 25 MHz
-14
Xmit
30-100 MHz
Xmit/Rcv
-30
@ 30 MHz
-24
Xmit
OCL
(µH Min.)
@ 100 KHz, 20 mVrms
160
Cable Side
10-30 MHz
Xmit/Rcv
-40
Crosstalk
(dB Min.)
-30
1-10 MHz
Between Channels
Attenuation
(dB Min.)
@ 20 MHz
-5
Xmit
@ 40 MHz
-30
Xmit
Schematic
Receive
1
3
16
14
1:1
2
15
Chip
Side
Cable
Side
Transmit
6
8
7
1:
2
LPF
Chip
Side
11
9
10
Cable
Side
Package
PCA
EPE6166CSE(-RC)
Date Code
.540
(13.72)
.270
(6.86)
.240
(6.10)
.350
(8.89)
.010/.015
(.254/.381)
.050
(1.27)
.370
(9.40)
.016/.022
(.406/.559)
.008/.012
(.203/.305)
.095
(2.41)
0°-8°
.035
(.889)
Suggested
Solder Pad
Layout
.030
(.762)
.150
(3.81)
.420
(10.67)
.055
(1.40)
.050
(1.27)
.150
(3.81)
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPE6166CSE-RC
245°C
1.13 grams
34 pieces/tube
500 pieces/13” reel
EPE6166CSE
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
1.13 grams
34 pieces/tube
500 pieces/13” reel
SnPb
Hot Tin Dip (Sn) †
† Lead Material : Ni Barrier over Cu


Similar Part No. - EPE6166CSE_07

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6166CSE PCA-EPE6166CSE_15 Datasheet
29Kb / 1P
   10Base-T Interface Module
More results

Similar Description - EPE6166CSE_07

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
   10Base-T Interface Module
EPE6334G PCA-EPE6334G Datasheet
153Kb / 1P
   10Base-T Interface Module
EPE6381 PCA-EPE6381_09 Datasheet
62Kb / 1P
   10Base-T Interface Module
EPE6079 PCA-EPE6079 Datasheet
189Kb / 1P
   10Base-T Interface Module
EPE6372S PCA-EPE6372S Datasheet
26Kb / 1P
   10Base-T Interface Module
EPE6376S PCA-EPE6376S_09 Datasheet
70Kb / 1P
   10Base-T Interface Module
EPA2013D PCA-EPA2013D Datasheet
26Kb / 1P
   10Base-T Interface Module
EPE6010S PCA-EPE6010S Datasheet
60Kb / 1P
   10Base-T Interface Module
EPE6394 PCA-EPE6394 Datasheet
21Kb / 1P
   10Base-T Interface Module
EPE6166AS PCA-EPE6166AS Datasheet
70Kb / 1P
   10Base-T Interface Module
EPA1533AG PCA-EPA1533AG Datasheet
147Kb / 2P
   10Base-T Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com