Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRFE6VP61K25HSR6 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRFE6VP61K25HSR6
Description  RF Power Field Effect Transistors High Ruggedness N--Channel Enhancement--Mode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFE6VP61K25HSR6 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRFE6VP61K25HSR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFE6VP61K25HSR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
RF Device Data
Freescale Semiconductor
MRFE6VP61K25HR6 MRFE6VP61K25HSR6
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
2 (Minimum)
Machine Model (per EIA/JESD22--A115)
B (Minimum)
Charge Device Model (per JESD22--C101)
IV (Minimum)
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (1)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
1
μAdc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID = 100 mA)
V(BR)DSS
125
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
20
μAdc
On Characteristics
Gate Threshold Voltage (1)
(VDS =10 Vdc, ID = 1776 μAdc)
VGS(th)
1.7
2.2
2.7
Vdc
Gate Quiescent Voltage
(VDD =50 Vdc, ID = 100 mAdc, Measured in Functional Test)
VGS(Q)
1.4
2.2
2.9
Vdc
Drain--Source On--Voltage (1)
(VGS =10 Vdc, ID =2 Adc)
VDS(on)
0.15
Vdc
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
2.8
pF
Output Capacitance
(VDS =50 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
185
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss
562
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 100 mA, Pout = 1250 W Peak (250 W Avg.), f = 230 MHz,
Pulsed, 100 μsec Pulse Width, 20% Duty Cycle
Power Gain
Gps
23.0
24.0
26.0
dB
Drain Efficiency
ηD
72.5
74.0
%
Input Return Loss
IRL
--14
--10
dB
Pulsed RF Performance (In Freescale Application Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 100 mA, Pout = 1250 W Peak
(250 W Avg.), f = 230 MHz, Pulsed, 100 μsec Pulse Width, 20% Duty Cycle
Load Mismatch
(VSWR 65:1 at all Phase Angles)
Ψ
No Degradation in Output Power
1. Each side of device measured separately.


Similar Part No. - MRFE6VP61K25HSR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP61K25HSR6 FREESCALE-MRFE6VP61K25HSR6 Datasheet
933Kb / 13P
   RF Power Field Effect Transistors Enhancement--Mode Lateral MOSFETs
MRFE6VP61K25HSR6 FREESCALE-MRFE6VP61K25HSR6 Datasheet
1Mb / 21P
   RF Power LDMOS Transistors
More results

Similar Description - MRFE6VP61K25HSR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFE6VP5600HR6 FREESCALE-MRFE6VP5600HR6 Datasheet
935Kb / 13P
   RF Power Field Effect Transistors High Ruggedness N--Channel Enhancement--Mode
logo
New Jersey Semi-Conduct...
RFP10N12 NJSEMI-RFP10N12 Datasheet
89Kb / 2P
   N-Channel Enhancement-Mode Power Field-Effect Transistors
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com