Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE4299 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4299_07 Datasheet HTML 4Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 5Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 9Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 10Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 11Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Datasheet
8
Rev. 1.1, 2007-10-17
TLE 4299
Note: Stresses above those listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
In the operating range, the functions given in the circuit description are fulfilled.
Temperature
Junction temperature
T
j
150
°C–
Storage temperature
T
Stg
– 50
150
°C–
Operating Range
Input voltage
V
I
4.4
45
V
Junction temperature
T
j
– 40
150
°C–
Thermal Data
Junction-ambient for foot
print only
1)
R
thja
200
130
K/W
K/W
PG-DSO-8-16
PG-DSO-14-30
Junction-ambient for
300mm
2 cooling area2)
R
thja
164
70
K/W
K/W
PG-DSO-8-16
PG-DSO-14-30
Junction-pin
R
thjp
–60
30
K/W
K/W
PG-DSO-8-16
3)
PG-DSO-14-30
4)
1)
FR4, 80x80x1,5mm; 35µ Cu, 5µ Sn; Footprint only
2)
FR4, 80x80x1,5mm; 35µ Cu, 5µ Sn; 300mm
2
3)
Measured to pin 5
4)
Measured to pin 4
Absolute Maximum Ratings (cont’d)
T
j = 40 to 150 °C
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.


Similar Part No. - TLE4299_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
More results

Similar Description - TLE4299_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299GV33 INFINEON-TLE4299GV33 Datasheet
529Kb / 24P
   Low-Drop Fixed Voltage Regulator
Rev. 1.0 2005-01-27
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com