Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF8P26080HR3 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MRF8P26080HR3
Description  RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8P26080HR3 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MRF8P26080HR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8P26080HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8P26080HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8P26080HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8P26080HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8P26080HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8P26080HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8P26080HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8P26080HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MRF8P26080HR3 MRF8P26080HSR3
3
RF Device Data
Freescale Semiconductor
Table 4. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical Performances (1) (In Freescale Doherty Characterization Test Fixture, 50 ohm system) VDD =28 Vdc, IDQA = 300 mA,
VGSB = 1.3 Vdc, 2570--2620 MHz Bandwidth
Pout @ 1 dB Compression Point, CW
P1dB
54
W
Pout @ 3 dB Compression Point, CW
P3dB
83
W
IMD Symmetry @ 12 W PEP, Pout where IMD Third Order
Intermodulation 30 dBc
(Delta IMD Third Order Intermodulation between Upper and Lower
Sidebands > 2 dB)
IMDsym
40
MHz
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
70
MHz
Gain Flatness in 50 MHz Bandwidth @ Pout =14 W Avg.
GF
0.5
dB
Gain Variation over Temperature
(--30°Cto+85°C)
∆G
0.01
dB/°C
Output Power Variation over Temperature
(--30°Cto+85°C)
∆P1dB
0.002
dB/°C
1. Measurement made with device in a Symmetrical Doherty configuration.


Similar Part No. - MRF8P26080HR3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRF8P20140WGHSR3 NXP-MRF8P20140WGHSR3 Datasheet
522Kb / 17P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 11/2013
MRF8P20140WH NXP-MRF8P20140WH Datasheet
522Kb / 17P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 11/2013
logo
Freescale Semiconductor...
MRF8P20140WHR3 FREESCALE-MRF8P20140WHR3 Datasheet
613Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MRF8P20140WHR3 NXP-MRF8P20140WHR3 Datasheet
522Kb / 17P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 1, 11/2013
logo
Freescale Semiconductor...
MRF8P20140WHSR3 FREESCALE-MRF8P20140WHSR3 Datasheet
613Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
More results

Similar Description - MRF8P26080HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com