Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6265 Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6265
Description  Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6265 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6265 Datasheet HTML 10Page - Intersil Corporation ISL6265 Datasheet HTML 11Page - Intersil Corporation ISL6265 Datasheet HTML 12Page - Intersil Corporation ISL6265 Datasheet HTML 13Page - Intersil Corporation ISL6265 Datasheet HTML 14Page - Intersil Corporation ISL6265 Datasheet HTML 15Page - Intersil Corporation ISL6265 Datasheet HTML 16Page - Intersil Corporation ISL6265 Datasheet HTML 17Page - Intersil Corporation ISL6265 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14
FN6599.1
May 13, 2009
SVI WIRE Protocol
The SVI wire protocol is based on the I2C bus concept. Two
wires (serial clock (SVC) and serial data (SVD)), carry
information between the AMD processor (master) and VR
controller (slave) on the bus. The master initiates and
terminates SVI transactions and drives the clock, SVC,
during a transaction. The AMD processor is always the
master and the voltage regulators are the slaves. The slave
receives the SVI transactions and acts accordingly. Mobile
SVI wire protocol timing is based on high-speed mode I2C.
See AMD Griffin (Family 11h) processor publications for
additional details.
TABLE 3. SERIAL VID CODES
SVID[6:0]
VOLTAGE (V)
SVID[6:0]
VOLTAGE (V)
SVID[6:0]
VOLTAGE (V)
SVID[6:0]
VOLTAGE (V)
000_0000b
1.5500
010_0000b
1.1500
100_0000b
0.7500
110_0000b
0.3500
*
000_0001b
1.5375
010_0001b
1.1375
100_0001b
0.7375
110_0001b
0.3375
*
000_0010b
1.5250
010_0010b
1.1250
100_0010b
0.7250
110_0010b
0.3250
*
000_0011b
1.5125
010_0011b
1.1125
100_0011b
0.7125
110_0011b
0.3125
*
000_0100b
1.5000
010_0100b
1.1000
100_0100b
0.7000
110_0100b
0.3000
*
000_0101b
1.4875
010_0101b
1.0875
100_0101b
0.6875
110_0101b
0.2875
*
000_0110b
1.4750
010_0110b
1.0750
100_0110b
0.6750
110_0110b
0.2750
*
000_0111b
1.4625
010_0111b
1.0625
100_0111b
0.6625
110_0111b
0.2625
*
000_1000b
1.4500
010_1000b
1.0500
100_1000b
0.6500
110_1000b
0.2500
*
000_1001b
1.4375
010_1001b
1.0375
100_1001b
0.6375
110_1001b
0.2375
*
000_1010b
1.4250
010_1010b
1.0250
100_1010b
0.6250
110_1010b
0.2250
*
000_1011b
1.4125
010_1011b
1.0125
100_1011b
0.6125
110_1011b
0.2125
*
000_1100b
1.4000
010_1100b
1.0000
100_1100b
0.6000
110_1100b
0.2000
*
000_1101b
1.3875
010_1101b
0.9875
100_1101b
0.5875
110_1101b
0.1875
*
000_1110b
1.3750
010_1110b
0.9750
100_1110b
0.5750
110_1110b
0.1750
*
000_1111b
1.3625
010_1111b
0.9625
100_1111b
0.5625
110_1111b
0.1625
*
001_0000b
1.3500
011_0000b
0.9500
101_0000b
0.5500
111_0000b
0.1500
*
001_0001b
1.3375
011_0001b
0.9375
101_0001b
0.5375
111_0001b
0.1375
*
001_0010b
1.3250
011_0010b
0.9250
101_0010b
0.5250
111_0010b
0.1250
*
001_0011b
1.3125
011_0011b
0.9125
101_0011b
0.5125
111_0011b
0.1125
*
001_0100b
1.3000
011_0100b
0.9000
101_0100b
0.5000
111_0100b
0.1000
*
001_0101b
1.2875
011_0101b
0.8875
101_0101b
0.4875
*
111_0101b
0.0875
*
001_0110b
1.2750
011_0110b
0.8750
101_0110b
0.4750
*
111_0110b
0.0750
*
001_0111b
1.2625
011_0111b
0.8625
101_0111b
0.4625
*
111_0111b
0.0625
*
001_1000b
1.2500
011_1000b
0.8500
101_1000b
0.4500
*
111_1000b
0.0500
*
001_1001b
1.2375
011_1001b
0.8375
101_1001b
0.4375
*
111_1001b
0.0375
*
001_1010b
1.2250
011_1010b
0.8250
101_1010b
0.4250
*
111_1010b
0.0250
*
001_1011b
1.2125
011_1011b
0.8125
101_1011b
0.4125
*
111_1011b
0.0125
*
001_1100b
1.2000
011_1100b
0.8000
101_1100b
0.4000
*
111_1100b
OFF
001_1101b
1.1875
011_1101b
0.7875
101_1101b
0.3875
*
111_1101b
OFF
001_1110b
1.1750
011_1110b
0.7750
101_1110b
0.3750
*
111_1110b
OFF
001_1111b
1.1625
011_1111b
0.7625
101_1111b
0.3625
*
111_1111b
OFF
NOTE:
*Indicates a VID not required for AMD Family 10h processors.
ISL6265


Similar Part No. - ISL6265

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265AHRTZ INTERSIL-ISL6265AHRTZ Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265AHRTZ RENESAS-ISL6265AHRTZ Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
More results

Similar Description - ISL6265

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6265C INTERSIL-ISL6265C_10 Datasheet
838Kb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265 RENESAS-ISL6265 Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
ISL6265C RENESAS-ISL6265C Datasheet
1Mb / 27P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Intersil Corporation
ISL6265A INTERSIL-ISL6265A Datasheet
580Kb / 23P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Renesas Technology Corp
ISL6265A RENESAS-ISL6265A Datasheet
1Mb / 24P
   Multi-Output Controller with Integrated MOSFET Drivers for AMD SVI Capable Mobile CPUs
logo
Richtek Technology Corp...
RT3662AC RICHTEK-RT3662AC Datasheet
2Mb / 37P
   Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
RT3663BM RICHTEK-RT3663BM Datasheet
526Kb / 43P
   Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
September 2019
RT8880C RICHTEK-RT8880C Datasheet
505Kb / 42P
   Dual-Output PWM Controller with 3 Integrated Drivers for AMD SVI2 Mobile CPU Power Supply
March 2017
logo
Renesas Technology Corp
ISL6314 RENESAS-ISL6314 Datasheet
1Mb / 32P
   Single-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
logo
Intersil Corporation
ISL6313B INTERSIL-ISL6313B Datasheet
628Kb / 33P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers for Intel VR11 and AMD Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com