Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T492C156K050BC4251 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T492C156K050BC4251
Description  Established reliability options Symmetrical, compliant terminations
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492C156K050BC4251 Datasheet(HTML) 1 Page - Kemet Corporation

  T492C156K050BC4251 Datasheet HTML 1Page - Kemet Corporation T492C156K050BC4251 Datasheet HTML 2Page - Kemet Corporation T492C156K050BC4251 Datasheet HTML 3Page - Kemet Corporation T492C156K050BC4251 Datasheet HTML 4Page - Kemet Corporation T492C156K050BC4251 Datasheet HTML 5Page - Kemet Corporation T492C156K050BC4251 Datasheet HTML 6Page - Kemet Corporation T492C156K050BC4251 Datasheet HTML 7Page - Kemet Corporation T492C156K050BC4251 Datasheet HTML 8Page - Kemet Corporation T492C156K050BC4251 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2006-1 • 10/11/2010
1
One WORLD
One Brand
One Strategy
One Focus
One Team
One KEMET
Benefits
• Established reliability options
• Taped and reeled per EIA 481-1
• Symmetrical, compliant terminations
• Laser-marked case
• 100% surge current test available on all case sizes
• Qualified to MIL-PRF-55365/8, Style CWR11
• Termination options B, C, H, K
• Weibull failure options B, C, and D
• Voltage rating of 4-50 VDC
• Operating temperature range of -55˚C to +125˚C
Applications
Typical applications include decoupling and filtering in military and
aerospace applications requiring CWR11 devices.
Overview
The KEMET T492 series is approved to MIL-PRF-55365/8
(CWR11) with Weibull failure rates of B level (0.1% failures per
1000 hours), C level (0.01% failures per 1000 hours), or D level
(0.001% failures per 1000 hours). This CWR11 product is a
precision-molded device, with compliant terminations and indelible
laser marking. This is the military version of the global IEC/EIA
standard represented by KEMET's T491 Series. Tape and reeling
per EIA 481-1 is standard.
MIL-PRF (CWR Style) Established Reliability
T492 CWR11 Style Mil-PRF-55365/8
Environmental Compliance
RoHS Compliant (6/6)* according to Directive 2002/95/EC
*When ordered with 100% Sn Solder
SPICE
For a detailed analysis of specific part numbers, please visit kemet.com for a free download of KEMET's SPICE software. The KEMET
SPICE program is freeware intended to aid design engineers in analyzing the performance of these capacitors over frequency,
temperature, ripple, and DC bias conditions.


Similar Part No. - T492C156K050BC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492C105J035BB4250 KEMET-T492C105J035BB4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492C105J035BB4251 KEMET-T492C105J035BB4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492C105J035BB4252 KEMET-T492C105J035BB4252 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492C105J035BC4250 KEMET-T492C105J035BC4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492C105J035BC4251 KEMET-T492C105J035BC4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T492C156K050BC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D686K006AT KEMET-T491D686K006AT Datasheet
2Mb / 24P
   Symmetrical, compliant terminations
logo
API Delevan
MIL-PRF-39010 API-MIL-PRF-39010 Datasheet
4Mb / 4P
   Established Reliability Inductors
logo
Teledyne Technologies I...
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com