Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP125 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TIP125
Description  Complementary power Darlington transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TIP125 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TIP125 Datasheet HTML 5Page - STMicroelectronics TIP125 Datasheet HTML 6Page - STMicroelectronics TIP125 Datasheet HTML 7Page - STMicroelectronics TIP125 Datasheet HTML 8Page - STMicroelectronics TIP125 Datasheet HTML 9Page - STMicroelectronics TIP125 Datasheet HTML 10Page - STMicroelectronics TIP125 Datasheet HTML 11Page - STMicroelectronics TIP125 Datasheet HTML 12Page - STMicroelectronics TIP125 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TIP120, TIP121, TIP122, TIP125, TIP126, TIP127
Package mechanical data
9/13
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - TIP125

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP125 MOSPEC-TIP125 Datasheet
206Kb / 4P
   POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Nanjing International G...
TIP125 DGNJDZ-TIP125 Datasheet
1Mb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
TIP125 ETC2-TIP125 Datasheet
403Kb / 6P
   Darlington Transistors
logo
Micro Commercial Compon...
TIP125 MCC-TIP125 Datasheet
224Kb / 2P
   Silicon PNP Darlington Power Transistors
logo
Motorola, Inc
TIP125 MOTOROLA-TIP125 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - TIP125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD122-1 STMICROELECTRONICS-MJD122-1 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_06 Datasheet
101Kb / 8P
   Complementary Darlington Power Transistors
January, 2006 ??Rev. 7
NJVMJD112 ONSEMI-NJVMJD112 Datasheet
153Kb / 10P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
TIP122FP STMICROELECTRONICS-TIP122FP_09 Datasheet
646Kb / 11P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
166Kb / 8P
   Complementary power Darlington transistors
2STW100 STMICROELECTRONICS-2STW100 Datasheet
121Kb / 7P
   Complementary power Darlington transistors
logo
ON Semiconductor
MJD112 ONSEMI-MJD112_V01 Datasheet
207Kb / 11P
   Complementary Darlington Power Transistors
November, 2013 ??Rev. 13
logo
STMicroelectronics
MJD122T4 STMICROELECTRONICS-MJD122T4 Datasheet
91Kb / 8P
   COMPLEMENTARY POWER DARLINGTON TRANSISTORS
STX112 STMICROELECTRONICS-STX112 Datasheet
343Kb / 9P
   Complementary power Darlington transistors
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
   Complementary Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com