Electronic Components Datasheet Search |
|
MPC8377E Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc |
|
MPC8377E Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc |
4 / 126 page MPC8377E PowerQUICC II Pro Processor Hardware Specifications, Rev. 4 4 Freescale Semiconductor Overview 1.3 Dual Enhanced Three-Speed Ethernet Controllers (eTSECs) The eTSECs include the following features: • Two enhanced Ethernet interfaces can be used for RGMII/MII/RMII/RTBI • Two controllers conform to IEEE Std 802.3®, IEEE 802.3u, IEEE 802.3x, IEEE 802.3z, IEEE 802.3au, IEEE 802.3ab, and IEEE Std 1588™ standards • Support for Wake-on-Magic Packet™, a method to bring the device from standby to full operating mode • MII management interface for external PHY control and status 1.4 Integrated Programmable Interrupt Controller (IPIC) The integrated programmable interrupt controller (IPIC) implements the necessary functions to provide a flexible solution for general-purpose interrupt control. The IPIC programming model is compatible with the MPC8260 interrupt controller, and it supports 8 external and 34 internal discrete interrupt sources. Interrupts can also be redirected to an external interrupt controller. 1.5 Power Management Controller (PMC) The power management controller includes the following features: • Provides power management when the device is used in both host and agent modes • Supports PCI Power Management 1.2 D0, D1, D2, and D3hot states • Support for PME generation in PCI agent mode, PME detection in PCI host mode • Supports Wake-on-LAN (Magic Packet), USB, GPIO, and PCI (PME input as host) • Supports MPC8349E backward-compatibility mode 1.6 Serial Peripheral Interface (SPI) The serial peripheral interface (SPI) allows the device to exchange data between other PowerQUICC family chips, Ethernet PHYs for configuration, and peripheral devices such as EEPROMs, real-time clocks, A/D converters, and ISDN devices. The SPI is a full-duplex, synchronous, character-oriented channel that supports a four-wire interface (receive, transmit, clock, and slave select). The SPI block consists of transmitter and receiver sections, an independent baud-rate generator, and a control unit. 1.7 DMA Controller, Dual I2C, DUART, Enhanced Local Bus Controller (eLBC), and Timers The device provides an integrated four-channel DMA controller with the following features: • Allows chaining (both extended and direct) through local memory-mapped chain descriptors (accessible by local masters) • Supports misaligned transfers |
Similar Part No. - MPC8377E |
|
Similar Description - MPC8377E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |