Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33904B5EK Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCZ33904B5EK
Description  SBC Gen2 with CAN High Speed and LIN Interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33904B5EK Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCZ33904B5EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33904B5EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
33903/
33903/4/5
EK SUFFIX (PB-FREE)
98ASA10556D
32-PIN SOIC
EK SUFFIX (PB-FREE)
98ASA10506D
54-PIN SOIC
ORDERING INFORMATION
See Device Variations on page 2
SYSTEM BASIS CHIP
Document Number: MC33903_4_5
Rev. 5.0, 12/2010
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2010. All rights reserved.
SBC Gen2 with CAN High Speed
and LIN Interface
The 33903/4/5 is the second generation family of System Basis
Chips, which combines several features and enhances present module
designs. The device works as an advanced power management unit for
the MCU, additional integrated circuits such as sensors, and CAN
transceivers. It has a built-in enhanced high speed CAN interface
(ISO11898-2 and -5), with local and bus failure diagnostics, protection,
and fail safe operation mode. The SBC may include one or two LIN 2.1
interfaces with LIN output pin switches. It includes up to four wake-up
input pins than can also be configured as output drivers for flexibility.
This device implements multiple Low Power modes, with very low-
current consumption. In addition, the device is part of a family concept
where pin compatibility, among the various devices with and without
LIN interfaces, add versatility to module design.
The 33903/4/5 also implements an innovative and advanced fail-safe
state machine and concept solution.
Features
• Voltage regulator for MCU, 5.0 or 3.3 V, part number selectable, with
possibility of usage external PNP to extend current capability and
share power dissipation
• Voltage, current, and temperature protection
• Extremely low quiescent current in low power modes
• Fully-protected embedded 5.0 V regulator for the CAN driver
• Multiple under-voltage detections to address various MCU
specifications and system operation modes (i.e. cranking)
• Auxiliary 5.0 or 3.3 V SPI configurable regulator, for additional ICs,
with over-current detection and under-voltage protection
• MUX output pin for device internal analog signal monitoring and
power supply monitoring
• Advanced SPI, MCU, ECU power supply, and critical pins
diagnostics and monitoring.
• Multiple wake-up sources in low power modes: CAN or LIN bus, I/O
transition, automatic timer, SPI message, and VDD over-current
detection.
• ISO11898-5 high speed CAN interface compatibility for baud rates of
40 kb/s to 1.0 Mb/s
• Pb-free packaging designated by suffix code EK


Similar Part No. - MCZ33904B5EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33904B5EK FREESCALE-MCZ33904B5EK Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33904B5EK-R2 FREESCALE-MCZ33904B5EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MCZ33904B5EK/R2 NXP-MCZ33904B5EK/R2 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
More results

Similar Description - MCZ33904B5EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com