Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMG15241HT1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MMG15241HT1
Description  Enhancement Mode pHEMT Technology (E-pHEMT)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG15241HT1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MMG15241HT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG15241HT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
RF Device Data
Freescale Semiconductor
MMG15241HT1
Table 4. Electrical Characteristics (VDD = 5 Vdc, 2140 MHz, TA =25°C, 50 ohm system, in Freescale Application Circuit)
Characteristic
Symbol
Min
Typ
Max
Unit
Small--Signal Gain (S21)
Gp
14
15.9
dB
Input Return Loss (S11)
IRL
--21.3
dB
Output Return Loss (S22)
ORL
--16.2
dB
Power Output @ 1dB Compression
P1dB
24
dBm
Third Order Input Intercept Point
IIP3
23.5
dBm
Third Order Output Intercept Point
OIP3
39.4
dBm
Reverse Isolation (S12)
|S12|
--22.5
dB
Noise Figure
NF
1.6
dB
Supply Current (1)
IDD
65
85
105
mA
Supply Voltage (1)
VDD
5
V
1. For reliable operation, the junction temperature should not exceed 150°C.
Table 5. Functional Pin Description
Pin
Number
Pin Function
1
RFin
2
Ground
3
RFout/DC Supply
Table 6. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD 22--A114)
2 (Minimum)
Machine Model (per EIA/JESD 22--A115)
B (Minimum)
Charge Device Model (per JESD 22--C101)
IV (Minimum)
Table 7. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
1
260
°C
Figure 1. Functional Diagram
3
2
1
2


Similar Part No. - MMG15241HT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG15241HT1 NXP-MMG15241HT1 Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
More results

Similar Description - MMG15241HT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MML20242H NXP-MML20242H Datasheet
637Kb / 20P
   Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 2, 9/2014
logo
Freescale Semiconductor...
MML20211HT1 FREESCALE-MML20211HT1 Datasheet
513Kb / 20P
   Enhancement Mode pHEMT Technology (E--pHEMT)
logo
NXP Semiconductors
MML25231HT1 NXP-MML25231HT1 Datasheet
418Kb / 18P
   Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MML25231H NXP-MML25231H Datasheet
418Kb / 18P
   Enhancement Mode pHEMT Technology (E--pHEMT)
Rev. 0, 4/2016
MMG20271H NXP-MMG20271H Datasheet
476Kb / 18P
   Enhancement Mode pHEMT Technology (E--pHEMT) High Linearity Amplifier
Rev. 1, 9/2014
logo
Freescale Semiconductor...
MMG20271HT1 FREESCALE-MMG20271HT1 Datasheet
552Kb / 18P
   Enhancement Mode pHEMT Technology (E-pHEMT) High Linearity Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AFEM-S257 AVAGO-AFEM-S257 Datasheet
191Kb / 14P
   GaAs E-pHEMT, pHEMT and FBAR technology
logo
RFHIC
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
   E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com