Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T492B156J020BC4251 Datasheet(PDF) 9 Page - Kemet Corporation

Part # T492B156J020BC4251
Description  Established reliability options Symmetrical, compliant terminations
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T492B156J020BC4251 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T492B156J020BC4251 Datasheet HTML 5Page - Kemet Corporation T492B156J020BC4251 Datasheet HTML 6Page - Kemet Corporation T492B156J020BC4251 Datasheet HTML 7Page - Kemet Corporation T492B156J020BC4251 Datasheet HTML 8Page - Kemet Corporation T492B156J020BC4251 Datasheet HTML 9Page - Kemet Corporation T492B156J020BC4251 Datasheet HTML 10Page - Kemet Corporation T492B156J020BC4251 Datasheet HTML 11Page - Kemet Corporation T492B156J020BC4251 Datasheet HTML 12Page - Kemet Corporation T492B156J020BC4251 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2006-1 • 10/11/2010
99
MIL-PRF (CWR Style) Established Reliability – T492 CWR11 Style Mil-PRF-55365/8
Time
Tsmin
25° C to Peak
tL
tS
25
tP
Tsmax
TL
TP
Max Ramp Up Rate = 3° C/sec
Max Ramp Down Rate = 6° C/sec
Soldering Process
KEMET’s families of surface mount tantalum capacitors are
compatible with wave (single or dual), convection, IR or vapor
phase reflow techniques. Preheating of these components
is recommended to avoid extreme thermal stress. KEMET's
recommended profile conditions for convection and IR reflow reflect
the profile conditions of the IPC/J-STD-020D standard for moisture
sensitivety testing. The devices can safely withstand a maximum of
three reflow passes at these conditions.
Note that although the X/7343-43 case size can withstand wave
soldering, the tall profile (4.3mm maximum) dictates care in wave
process development.
Time/Temperature Soldering Profile
Profile Feature
Sn-Pb Assembly Pb-Free Assembly
Preheat/Soak
Temperature Min (T
Smin)
100°C
150°C
Temperature Max (T
Smax)
150°C
200°C
Time (t
s) from Tsmin to Tsmax)
60-120 sec
60-120 sec
Ramp-up rate (T
L to TP)
3°C/sec max
3°C/sec max
Liquidous temperature (T
L)
183°C
217°C
Time above liquidous (t
L)
60-150 sec
60-150 sec
Peak Temperature (T
P)
220°C*
235°C**
250°C*
260°C**
Time within 5°C of max peak
temperature (t
P)
20 sec max
30 sec max
Ramp-down rate (T
P to TL)
6°C/sec max
6°C/sec max
Time 25°C to peak temperature
6 minutes max
8 minutes max
Note 1: All temperatures refer to the center of the package, measured on the
package body surface that is facing up during assembly reflow.
* Case Size D, E, P, Y and X
**Case Size A, B, C, H, I, K, M, R, S, T, U, V, W and Z
Construction
MNO
2 /Ta2O5/Ta
Silver Adhesive
Carbon
Silver Paint
Washer
Tantalum Wire
Weld
Leadframe
(-Cathode)
Leadframe
(+Anode)


Similar Part No. - T492B156J020BC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T492B105J035BB4250 KEMET-T492B105J035BB4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4251 KEMET-T492B105J035BB4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BB4252 KEMET-T492B105J035BB4252 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4250 KEMET-T492B105J035BC4250 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T492B105J035BC4251 KEMET-T492B105J035BC4251 Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T492B156J020BC4251

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491D686K006AT KEMET-T491D686K006AT Datasheet
2Mb / 24P
   Symmetrical, compliant terminations
logo
API Delevan
MIL-PRF-39010 API-MIL-PRF-39010 Datasheet
4Mb / 4P
   Established Reliability Inductors
logo
Teledyne Technologies I...
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
   CENTIGRID ESTABLISHED RELIABILITY RELAYS
J412D-12M TELEDYNE-J412D-12M Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
M390169-074L TELEDYNE-M390169-074L Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J412D-26WL TELEDYNE-J412D-26WL Datasheet
142Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Willow Technologies Ltd
432 WILLOW-432 Datasheet
152Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
logo
Teledyne Technologies I...
J411-12PM TELEDYNE-J411-12PM Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
J411-5L TELEDYNE-J411-5L Datasheet
146Kb / 6P
   ESTABLISHED RELIABILITY TO-5 RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com