Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13852EP Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC13852EP
Description  General Purpose Low Noise Amplifier with Bypass Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13852EP Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13852EP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13852EP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13852EP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13852EP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13852EP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13852EP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13852EP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13852EP Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13852EP Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Applications Information
MC13852 Advance Information, Rev. 2.0
10
Freescale Semiconductor
Noise Figure
High Gain
Bypass
NF
1.65
8.9
1.95
9.9
dB
Current Draw
High Gain
Bypass
ICC
5.5
4
6.5
20
mA
µA
Rbias R1 Value
1.2
k
Ω
Input Return Loss
High Gain
Bypass
S11
-6.7
-17
-5.5
-15
dB
Gain
High Gain
Bypass
S21
19
-9.5
20.1
-8.5
dB
Reverse Isolation
High Gain
Bypass
S12
-35.5
-8.6
-33.5
-6.5
dB
Output Return Loss
High Gain
Bypass
S22
-14.5
-20.4
-12
-17
dB
R1 = 1.5 k
Ω
Frequency
f
434
MHz
RF Gain
High Gain
Bypass
G
18.5
-9.4
19.5
-8.4
dB
Output Third Order Intercept Point
High Gain
Bypass
OIP3
6.8
15.4
7.9
16.5
dBm
Input Third Order Intercept Point
High Gain
Bypass
IIP3
-12.6
23
-11.6
24.9
dBm
Out Ref P1dB
High Gain
P1dBout
5.2
6.2
dBm
In Ref P1dB
High Gain
P1dBin
-14.3
-13.3
dBm
Noise Figure
High Gain
Bypass
NF
1.6
8.7
1.9
9.7
dB
Current Draw
High Gain
Bypass
ICC
4.4
4
5.4
20
mA
µA
Rbias R1 Value
1.5
k
Ω
Table 6. Typical 434 MHz Evaluation Board Performance (Vcc = 2.75V, TA = 25
°C) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC13852EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC13852EP NXP-MC13852EP Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

Similar Description - MC13852EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com