Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1523P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TEA1523P
Description  SMPS ICs for low-power systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1523P Datasheet(HTML) 4 Page - NXP Semiconductors

  TEA1523P Datasheet HTML 1Page - NXP Semiconductors TEA1523P Datasheet HTML 2Page - NXP Semiconductors TEA1523P Datasheet HTML 3Page - NXP Semiconductors TEA1523P Datasheet HTML 4Page - NXP Semiconductors TEA1523P Datasheet HTML 5Page - NXP Semiconductors TEA1523P Datasheet HTML 6Page - NXP Semiconductors TEA1523P Datasheet HTML 7Page - NXP Semiconductors TEA1523P Datasheet HTML 8Page - NXP Semiconductors TEA1523P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TEA152X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 04 — 14 September 2010
4 of 20
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
7.
Pinning information
7.1 Pinning
7.2 Pin description
8.
Functional description
The TEA152x family is the heart of a compact flyback converter, with the IC placed at the
primary side. The auxiliary winding of the transformer can be used for indirect feedback to
control the isolated output. This additional winding also powers the IC. A more accurate
control of the output voltage and/or current can be implemented with an additional
secondary sensing circuit and optocoupler feedback.
The TEA152x family uses voltage mode control. The frequency is determined by the
maximum transformer demagnetizing time and the time of the oscillator. In the first case,
the converter operates in the Self-Oscillating Power Supply (SOPS) mode. In the latter
case, it operates at a constant frequency, which can be adjusted with external
Fig 2.
Pin configuration DIP8
Fig 3.
Pin configuration SO14
TEA152xP
VCC
DRAIN
GND
n.c.
RC
SOURCE
REG
AUX
001aae137
1
2
3
4
6
5
8
7
TEA152xT
VCC
DRAIN
GND
n.c.
GND
n.c.
GND
SOURCE
GND
GND
RC
GND
REG
AUX
001aae138
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3.
Pin description
Symbol
Pin
Description
DIP8
SO14
VCC
1
1
supply voltage
GND
2
2, 3, 4,
5, 9, 10
ground
RC
36frequency setting
REG
4
7
regulation input
AUX
5
8
input for voltage from the auxiliary winding for timing
(demagnetization)
SOURCE
6
11
source of the internal MOS switch
n.c.
7
12, 13
not connected
DRAIN
8
14
drain of the internal MOS switch; input for the start-up current
and valley sensing


Similar Part No. - TEA1523P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1523P NXP-TEA1523P Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P PHILIPS-TEA1523P Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
TEA1523P PHILIPS-TEA1523P Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
TEA1523P/N2 NXP-TEA1523P/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Similar Description - TEA1523P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com