Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP30 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SP30
Description  Tire Pressure Monitoring Sensor SP30
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SP30 Datasheet HTML 3Page - Infineon Technologies AG SP30 Datasheet HTML 4Page - Infineon Technologies AG SP30 Datasheet HTML 5Page - Infineon Technologies AG SP30 Datasheet HTML 6Page - Infineon Technologies AG SP30 Datasheet HTML 7Page - Infineon Technologies AG SP30 Datasheet HTML 8Page - Infineon Technologies AG SP30 Datasheet HTML 9Page - Infineon Technologies AG SP30 Datasheet HTML 10Page - Infineon Technologies AG SP30 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Datasheet
Tire Pressure Monitoring Sensor SP30
TS
Rev.
Page
of
1085
5
7
14
2.2
Current consumption
Table 8 Current consumption
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min Typ
Max
Unit
Temp [°C]
VDD [V]
COMMENTS
Power down current
0.4
0.6
µA
25
3.0
Power down current
13
20
µA
125
3.0
IDLE current
30
50
µA
25
3.0
IDLE current
50
75
µA
125
3.0
RUN current
0.53
0.8
mA
25
3.0
RUN current
0.65
1.0
mA
125
3.0
Pressure measurement
4
12
µAs
-40 to 125
2.1 to 3.6
11 bit A/D conversion,
excl. temperature meas
Acceleration measurement
6
16
µAs
-40 to 125
2.1 to 3.6
12 bit A/D conversion,
excl. temperature meas
Temperature measurement
0.9
2.5
µAs
-40 to 125
2.1 to 3.6
10 bit A/D conversion
Supply voltage measurement
0.3
2.5
µAs
-40 to 125
2.1 to 3.6
9 bit A/D conversion
Peak current
1.6
2.5
mA
25
3.0
Pressure measurement
and 1 LF channel on,
duration is 1280µs for
11 bit measurement for
the peak current only.
1 channel LF current
2.6
4.6
µA
25
3.0
1 channel LF current
3.0
6.7
µA
125
3.0
2 channel LF current
4.5
5.5
µA
25
3.0
2
nd LF channel is
optional
2 channel LF current
6.5
11
µA
125
3.0
2
nd LF channel is
optional
Thermal shutdown current
18
25
µA
125
3.0
Thermal shutdown current
30
50
µA
150
3.0
2.3
Tmax
ϑSHTD represents the temperature at which the Thermal Shut-down function can be enabled and ϑREL represents the
temperature at which the Master Reset state is released. The
ϑSHTD is always higher than ϑREL.
Table 9 Trigger temperatures for thermal shutdown
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
ϑSHTD
102
123
°C
-40 to 175
2.1 to 3.6
Thermal shutdown enable
ϑREL
100
121
°C
-40 to 175
2.1 to 3.6
Master Reset release
2.4
Vmin
The voltage at which the Vmin-circuit will return a low battery voltage status is specified in Table 10:
Table 10 Vmin specifications
SPECIFICATION
AMBIENT CONDITIONS
PARAMETER
Min
Typ
Max
Unit
TEMP [°C]
VDD [V]
COMMENTS
Vmin
2.0
2.1
2.2
V
-40 to 125
VTHR to 3.6


Similar Part No. - SP30

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP30001 SIPAT-SP30001 Datasheet
160Kb / 4P
   300MHz Low-loss SAW Filter 45MHz Bandwidth
SP30001 SIPAT-SP30001 Datasheet
165Kb / 4P
   300MHz Low-loss SAW Filter 45MHz Bandwidth
logo
Littelfuse
SP3001 LITTELFUSE-SP3001 Datasheet
160Kb / 6P
   Low Capacitance ESD Protection Array
SP3001 LITTELFUSE-SP3001 Datasheet
385Kb / 6P
   Low Capacitance ESD Protection Array
SP3001-04JTG LITTELFUSE-SP3001-04JTG Datasheet
385Kb / 6P
   Low Capacitance ESD Protection Array
More results

Similar Description - SP30

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXY8021A MOTOROLA-MPXY8021A Datasheet
261Kb / 16P
   Tire Pressure Monitoring Sensor
MPXY8000 MOTOROLA-MPXY8000 Datasheet
142Kb / 16P
   Tire Pressure Monitoring Sensor Temperature Compensated
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Infineon Technologies A...
SP40T INFINEON-SP40T Datasheet
2Mb / 71P
   Tire Pressure Monitoring Sensor Quality Requirement Category: Automotive
Revision 1.1 2020-05-14
SP370-25-116-0 INFINEON-SP370-25-116-0 Datasheet
501Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-23-156-0 INFINEON-SP370-23-156-0 Datasheet
550Kb / 2P
   Tire Pressure Sensor
06 / 2012
SP370-25-106-0 INFINEON-SP370-25-106-0 Datasheet
393Kb / 2P
   Tire Pressure Sensor
06 / 2012
logo
Texas Instruments
TPIC82000 TI1-TPIC82000 Datasheet
832Kb / 92P
[Old version datasheet]   Tire Pressure Monitoring System TX Module
logo
NXP Semiconductors
NTM88JXX5S NXP-NTM88JXX5S Datasheet
817Kb / 39P
   Tire pressure monitor sensor
Rev. 1.1 - 23 June 2023
NTM88HXX5S NXP-NTM88HXX5S_V01 Datasheet
813Kb / 39P
   Tire pressure monitor sensor
Rev. 1.2 - 21 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com