Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21465W Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-21465W
Description  SHARC Processor material that is subject to change without notice
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21465W Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-21465W Datasheet HTML 3Page - Analog Devices ADSP-21465W Datasheet HTML 4Page - Analog Devices ADSP-21465W Datasheet HTML 5Page - Analog Devices ADSP-21465W Datasheet HTML 6Page - Analog Devices ADSP-21465W Datasheet HTML 7Page - Analog Devices ADSP-21465W Datasheet HTML 8Page - Analog Devices ADSP-21465W Datasheet HTML 9Page - Analog Devices ADSP-21465W Datasheet HTML 10Page - Analog Devices ADSP-21465W Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ADSP-21462W/ADSP-21465W/ADSP-21467
Preliminary Technical Data
Rev. PrA
|
Page 7 of 60
|
November 2008
External Memory Execution
In the ADSP-21462W/ADSP-21465W/ADSP-21467, the pro-
gram sequencer can execute code directly from external
memory bank 0 (SRAM, as well as DDR2 DRAM). This allows
more options to a user in terms of code and data storage. With
external execution, programs run at slower speeds since 48-bit
instructions are fetched in parts from a 16-bit external bus cou-
pled with the inherent latency of fetching instructions from
DDR2 DRAM. VISA mode and SIMD mode accesses are sup-
ported for DDR2 space. However, external memory execution
from DDR2 space is different for VISA and non-VISA mode.
DDR2 Support
The ADSP-21462W/ADSP-21465W/ADSP-21467 supports a
16-bit DDR2 interface operating at a maximum frequency of
half the core clock. Execution from external memory is sup-
ported. External memory devices up to 2 Gbits in size can be
supported. Delay line DMA functionality supported.
DDR2 DRAM Controller
The DDR2 DRAM controller provides an 16-bit interface to up
to four separate banks of industry-standard DDR2 DRAM
devices. Fully compliant with the DDR2 DRAM standard, each
bank can has its own memory select line (DDR2_CS3-
DDR2_CS0), and can be configured to contain between 32M
bytes and 256M bytes of memory. DDR2 DRAM external mem-
ory address space is shown in Table 5
A set of programmable timing parameters is available to config-
ure the DDR2 DRAM banks to support memory devices.
Table 3. ADSP-21462W/ADSP-21465W/ADSP-21467 Internal Memory Space
IOP Registers 0x0000 0000–0x0003 FFFF
Long Word (64 bits)
Extended Precision Normal or
Instruction Word (48 bits)
Normal Word (32 bits)
Short Word (16 bits)
BLOCK 0 ROM
0x0004 0000–0x0004 7FFF
BLOCK 0 ROM
0x0008 0000–0x0008 AAA9
BLOCK 0 ROM
0x0008 0000–0x0008 FFFF
BLOCK 0 ROM
0x0010 0000–0x0011 FFFF
Reserved
0x0004 8000–0x0004 8FFF
Reserved
0x0009 0000–0x0009 1FFF
Reserved
0x0009 0000–0x0009 1FFF
Reserved
0x0012 0000–0x0012 3FFF
BLOCK 0 RAM
0x0004 9000–0x0004 EFFF
BLOCK 0 RAM
0x0008 C000-0x0009 3FFF
BLOCK 0 RAM
0x0009 2000-0x0009 DFFF
BLOCK 0 RAM
0x0012 4000–0x0013 BFFF
Reserved
0x0004 F000–0x0004 FFFF
Reserved
0x0009 E000–0x0009 FFFF
Reserved
0x0009 E000–0x0009 FFFF
Reserved
0x0013 C000–0x0013 FFFF
BLOCK 1 ROM
0x0005 0000–0x0005 7FFF
BLOCK 1 ROM
0x000A 0000–0x000A AAA9
BLOCK 1 ROM
0x000A 0000–0x000A FFFF
BLOCK 1 ROM
0x0014 0000-0x0015 FFFF
Reserved
0x0005 8000–0x0005 8FFF
Reserved
0x000B 000–0x000B 1FFF
Reserved
0x000B 0000–0x000B 1FFF
Reserved
0x0016 0000-0x0016 3FFF
BLOCK 1 RAM
0x0005 9000–0x0005 EFFF
BLOCK 1 RAM
0x000A C000-0x000B 3FFF
BLOCK 1 RAM
0x000B 2000-0x000B DFFF
BLOCK 1 RAM
0x0016 4000-0x0017 BFFF
Reserved
0x0005 F000–0x0005 FFFF
Reserved
0x000B E000–0x000B FFFF
Reserved
0x000B E000–0x000B FFFF
Reserved
0x0017 C000–0x0017 FFFF
BLOCK 2 RAM
0x0006 0000–0x0006 3FFF
BLOCK 2 RAM
0x000C 0000–0x000C 5554
BLOCK 2 RAM
0x000C 0000-0x000C 7FFF
BLOCK 2 RAM
0x0018 0000–0x0018 FFFF
Reserved
0x0006 4000–0x0006 FFFF
Reserved
0x000C 8000–0x000D FFFF
Reserved
0x000C 8000–0x000D FFFF
Reserved
0x0019 0000–0x001B FFFF
BLOCK 3 RAM
0x0007 0000–0x0007 3FFF
BLOCK 3 RAM
0x000E 0000–0x000E 5554
BLOCK 3 RAM
0x000E 0000–0x000E 7FFF
BLOCK 3 RAM
0x001C 0000–0x001C FFFF
Reserved
0x0007 4000–0x0007 FFFF
Reserved
0x000E 8000–0x000F FFFF
Reserved
0x000E 8000–0x000F FFFF
Reserved
0x001D 0000–0x001F FFFF


Similar Part No. - ADSP-21465W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21469 AD-ADSP-21469 Datasheet
1Mb / 56P
   SHARC Processor material that is subject to change without notice
Rev. PrB
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21469KBCZ-3 AD-ADSP-21469KBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21469KBCZ-4 AD-ADSP-21469KBCZ-4 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21469KBZ-ENG2 AD-ADSP-21469KBZ-ENG2 Datasheet
1Mb / 56P
   SHARC Processor material that is subject to change without notice
Rev. PrB
More results

Similar Description - ADSP-21465W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21469 AD-ADSP-21469 Datasheet
1Mb / 56P
   SHARC Processor material that is subject to change without notice
Rev. PrB
logo
Japan Display Inc.
LPM013M091A DATAMODUL-LPM013M091A Datasheet
3Mb / 50P
   This specification is subject to change without prior notice
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com