Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F583KPF-G-JNE2 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB95F583KPF-G-JNE2
Description  8-bit Microcontrollers
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F583KPF-G-JNE2 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB95F583KPF-G-JNE2 Datasheet HTML 1Page - Fujitsu Component Limited. MB95F583KPF-G-JNE2 Datasheet HTML 2Page - Fujitsu Component Limited. MB95F583KPF-G-JNE2 Datasheet HTML 3Page - Fujitsu Component Limited. MB95F583KPF-G-JNE2 Datasheet HTML 4Page - Fujitsu Component Limited. MB95F583KPF-G-JNE2 Datasheet HTML 5Page - Fujitsu Component Limited. MB95F583KPF-G-JNE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB95F583KPF-G-JNE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB95F583KPF-G-JNE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB95F583KPF-G-JNE2 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Copyright©2010 FUJITSU SEMICONDUCTOR LIMITED All rights reserved
2010.12
FUJITSU SEMICONDUCTOR
DATA SHEET
For the information for microcontroller supports, see the following website.
http://edevice.fujitsu.com/micom/en-support/
8-bit Microcontrollers
CMOS
New-8FX MB95560H/570H/580H Series
MB95F562H/F562K/F563H/F563K/F564H/F564K
MB95F572H/F572K/F573H/F573K/F574H/F574K
MB95F582H/F582K/F583H/F583K/F584H/F584K
■ DESCRIPTION
MB95560H/570H/580H is a series of general-purpose, single-chip microcontrollers. In addition to a compact
instruction set, the microcontrollers of these series contain a variety of peripheral resources.
■ FEATURES
•New-8FX CPU core
Instruction set optimized for controllers
• Multiplication and division instructions
• 16-bit arithmetic operations
• Bit test branch instructions
• Bit manipulation instructions, etc.
• Clock
• Selectable main clock source
Main oscillation clock (up to 16.25 MHz, maximum machine clock frequency: 8.125 MHz)
External clock (up to 32.5 MHz, maximum machine clock frequency: 16.25 MHz)
Main CR clock (4 MHz
± 2%)
The main CR clock frequency becomes 8 MHz when the PLL multiplier is 2.
The main CR clock frequency becomes 10 MHz when the PLL multiplier is 2.5.
The main CR clock frequency becomes 12 MHz when the PLL multiplier is 3.
The main CR clock frequency becomes 16 MHz when the PLL multiplier is 4.
• Selectable subclock source
Sub-oscillation clock (32.768 kHz)
External clock (32.768 kHz)
Sub-CR clock (Typ: 100 kHz, Min: 50 kHz, Max: 150 kHz)
•Timer
• 8/16-bit composite timer
× 2 channels
• Time-base timer
× 1 channel
• Watch prescaler
× 1 channel
• LIN-UART (available only on MB95F562H/F562K/F563H/F563K/F564H/F564K/F582H/F582K/F583H/
F583K/F584H/F584K)
• Full duplex double buffer
• Capable of clock-synchronized serial data transfer and clock-asynchronized serial data transfer
(Continued)
DS702-00003-1v0-E


Similar Part No. - MB95F583KPF-G-JNE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F583KPF-G-SNE2 CYPRESS-MB95F583KPF-G-SNE2 Datasheet
6Mb / 89P
   New 8FX 8-bit Microcontrollers
More results

Similar Description - MB95F583KPF-G-JNE2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com