Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16C554B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC16C554B
Description  5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16C554B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC16C554B_10 Datasheet HTML 4Page - NXP Semiconductors SC16C554B_10 Datasheet HTML 5Page - NXP Semiconductors SC16C554B_10 Datasheet HTML 6Page - NXP Semiconductors SC16C554B_10 Datasheet HTML 7Page - NXP Semiconductors SC16C554B_10 Datasheet HTML 8Page - NXP Semiconductors SC16C554B_10 Datasheet HTML 9Page - NXP Semiconductors SC16C554B_10 Datasheet HTML 10Page - NXP Semiconductors SC16C554B_10 Datasheet HTML 11Page - NXP Semiconductors SC16C554B_10 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
SC16C554B_554DB
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 4 — 8 June 2010
8 of 58
NXP Semiconductors
SC16C554B/554DB
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
5.1.3 LQFP80
Fig 6.
Pin configuration for LQFP80
SC16C554BIB80
n.c.
CDC
RIC
RXC
GND
TXRDY
D0
RXRDY
D1
RESET
D2
n.c.
n.c.
XTAL2
D3
XTAL1
D4
n.c.
D5
D6
D7
GND
RXA
RIA
CDA
n.c.
n.c.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
002aaa882
n.c.
CDD
RID
RXD
VCC
INTSEL
CDB
RIB
RXB
VCC
A2
A1
A0


Similar Part No. - SC16C554B_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C554BIB64 PHILIPS-SC16C554BIB64 Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB64 NXP-SC16C554BIB64 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554BIB80 PHILIPS-SC16C554BIB80 Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB80 NXP-SC16C554BIB80 Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
More results

Similar Description - SC16C554B_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16C554B PHILIPS-SC16C554B Datasheet
253Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 01-9 February 2005
SC16C554BIB80-T NXP-SC16C554BIB80-T Datasheet
1Mb / 58P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 16-byte FIFOs
Rev. 4-8 June 2010
SC16C754B PHILIPS-SC16C754B Datasheet
259Kb / 50P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 02-13 June 2005
SC16C754B NXP-SC16C754B Datasheet
252Kb / 51P
   5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
Rev. 04-6 October 2008
SC16C2550B PHILIPS-SC16C2550B_07 Datasheet
211Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 04-15 February 2007
SC16C2552B NXP-SC16C2552B Datasheet
188Kb / 38P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 03-12 February 2009
SC16C2550B NXP-SC16C2550B Datasheet
221Kb / 43P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 05-12 January 2009
SC16C2550B PHILIPS-SC16C2550B Datasheet
200Kb / 42P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
Rev. 02-14 December 2004
SC16C752B PHILIPS-SC16C752B Datasheet
225Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 03-14 December 2004
SC16C752B NXP-SC16C752B Datasheet
226Kb / 47P
   5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Rev. 05-2 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com