Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

779310-01 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # 779310-01
Description  24-Bit, 204.8 kS/s Dynamic Signal Acquisition and Generation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

779310-01 Datasheet(HTML) 4 Page - National Instruments Corporation

  779310-01 Datasheet HTML 1Page - National Instruments Corporation 779310-01 Datasheet HTML 2Page - National Instruments Corporation 779310-01 Datasheet HTML 3Page - National Instruments Corporation 779310-01 Datasheet HTML 4Page - National Instruments Corporation 779310-01 Datasheet HTML 5Page - National Instruments Corporation 779310-01 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
24-Bit, 204.8 kS/s Dynamic Signal Acquisition and Generation
4
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)
Specifications
Typical for 25 °C unless otherwise noted.
Analog Input
Number of simultaneously sampled input channels
NI 4461 ...........................................
2
NI 4462 ...........................................
4
Input configuration..............................
Differential or pseudodifferential
(50
Ω between negative input
and chassis ground), each
channel independently
software-selectable
Input coupling .....................................
AC or DC, each channel
independently software-selectable
A/D converter (ADC) resolution ..........
24 bits
ADC type .............................................
Delta-sigma
Sample rates (fs),
samples per second (S/s) ...................
1 kS/s to 204.8 kS/s in 181.9 µS/s
increments, maximum
Input Signal Ranges
Amplifier Characteristics
Input coupling .....................................
AC or DC, software-selectable
Common-mode rejection ratio
(CMRR) ............................................
80 dB with 0 dB gain;
up to 105 dB for higher gain
Dynamic Characteristics
AC coupling
-3 dB cutoff frequency....................
3.4 Hz
-0.1 dB cutoff frequency.................
22.6 Hz
AI flatness ...........................................
±0.08 dB, gain
≥0 dB,
20 Hz to 92.2 kHz
AI dynamic range ................................
118 dBFS, 0 dB gain, 51.2 kS/s
THD, balanced source.........................
-107 dBc up to 20 kHz,
-104 dBc up to 92.2 kHz
Crosstalk (channel separation) ...........
-138 dB at 1 kHz
AI interchannel gain mismatch...........
0.003 dB up to 92.2 kHz
Integrated Electronic Piezoelectric (IEPE)
Current ............................................
0, 4, or 10 mA,
each channel independently
software-selectable
Compliance .....................................
24 V min
Channel input impedance
with IEPE enabled ...............................
1 M
Ω || 240 pF,
pseudodifferential
Current noise ..........................................<300 pA ⁄
Hz
Transducer Electronic Data Sheet (TEDS) Compatibility
The PCI-4461, PCI-4462, and PXI-4462 inputs work with transducer
electronic data sheet (TEDS) sensors according to the IEEE 1451
Standard. For more information about TEDS, go to ni.com/info and enter
rdteds.
Analog Output (NI 4461)
Output Characteristics
Number of output channels ................
2, simultaneously sampled
Output configuration ...........................
Differential or pseudodifferential
(50
Ω to chassis ground on shield),
each channel independently
software-selectable
DAC resolution ....................................
24 bits
DAC type .............................................
Delta-sigma
Update rates (fs) ................................. 1 kS/s to 204.8 kS/s in 181.9 µS/s
increments, maximum
Output Signal Range
Voltage Output
Short circuit protection .......................
Indefinite protection between
positive and negative
Minimum working load.......................
600
Dynamic Characteristics
Image rejection ...................................
75 dB min < 768 kHz
66 dB min > 768 kHz
AO Flatness
20 Hz to 20 kHz...............................
±0.008 dB max
20 Hz to 92.1 kHz............................
±0.1 dB max
AO dynamic range...............................
113 dBFS, 0 dB attenuation,
102.5 kS/s (30 kHz bandwidth)
AO THD ...............................................
-97 dBc up to 20 kHz
AO interchannel gain mismatch .........
0.03 dB, 20 Hz to 92.1 kHz
Internal Frequency Timebase Characteristics
Accuracy..............................................
±20 ppm, over operating
temperature range
Gain
Log (dB)
Full-Scale Range (Peak)
-20
±42.4 V
-10
±31.6 V
0
±10.0 V
+10
±3.16 V
+20
±1.00 V
+30
±0.316 V
Input Impedance
Differential Configuration
Pseudodifferential Configuration
Between positive input
and chassis ground
1 M
Ω || 217 pF
1 M
Ω || 217 pF
Between negative input
and chassis ground
1 M
Ω || 229 pF
50
Specification
Low-Frequency Alias Rejection Disabled
Alias-free bandwidth (BW), (passband)
DC to 0.4535 fs
Alias rejection, minimum
120 dBc
Attenuation (dB)
Full-Scale Range (Vpk)1
40
±0.1
20
±1.0
0
±10.0
1Each output channel range is independently software-selectable.


Similar Part No. - 779310-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
779303-01 NI-779303-01 Datasheet
1Mb / 6P
   IEEE 1394 Image Acquisition with Digital I/O
More results

Similar Description - 779310-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCI-4474 NI-PCI-4474 Datasheet
362Kb / 4P
   24-Bit, 102.4 kS/s, 8 and 4-Channel Dynamic Signal Acquisition
logo
Adlink Technology Inc.
PCI-9527 ADLINK-PCI-9527 Datasheet
222Kb / 2P
   24-Bit High-Resolution Dynamic Signal Acquisition and Generation Modules
logo
Advantech Co., Ltd.
PCIE-1803 ADVANTECH-PCIE-1803 Datasheet
510Kb / 1P
   8-ch, 24-bit, 128 kS/s Dynamic Signal Acquisition PCI Express Card
13-Jan-2020
PCIE-1802 ADVANTECH-PCIE-1802 Datasheet
407Kb / 1P
   8-Ch, 24-Bit, 216 kS/s Dynamic Signal Acquisition PCI Express Card
7-Jan-2020
USB-5801 ADVANTECH-USB-5801 Datasheet
359Kb / 1P
   4-ch, 24-bit, 192 kS/s Dynamic Signal Acquisition USB 3.0 I/O Module
logo
List of Unclassifed Man...
USB-2405 ETC2-USB-2405 Datasheet
792Kb / 2P
   4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
Adlink Technology Inc.
USB-2405 ADLINK-USB-2405 Datasheet
298Kb / 2P
   2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
National Instruments Co...
NICF-6004 NI-NICF-6004 Datasheet
286Kb / 3P
   14-Bit, 200 kS/s Data Acquisition with PDAs
NI9234 NI-NI9234 Datasheet
380Kb / 10P
   4-Channel, 짹5 V, 51.2 kS/s per Channel, 24-Bit IEPE
NIPXI-6224 NI-NIPXI-6224 Datasheet
731Kb / 22P
   Low-Cost M Series Multifunction Data Acquisition - 16-Bit, 250 kS/s, up to 80 Analog Inputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com