Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

779307-01 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # 779307-01
Description  24-Bit, 204.8 kS/s Dynamic Signal Acquisition and Generation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

779307-01 Datasheet(HTML) 1 Page - National Instruments Corporation

  779307-01 Datasheet HTML 1Page - National Instruments Corporation 779307-01 Datasheet HTML 2Page - National Instruments Corporation 779307-01 Datasheet HTML 3Page - National Instruments Corporation 779307-01 Datasheet HTML 4Page - National Instruments Corporation 779307-01 Datasheet HTML 5Page - National Instruments Corporation 779307-01 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
24-Bit, 204.8 kS/s Dynamic Signal Acquisition and Generation
Overview
The National Instruments 4461 and 4462 are high-accuracy data acquisition
devices specifically designed for sound and vibration applications. The
devices include the hardware and software needed to make precision
measurements with microphones, accelerometers, and other transducers
that have very large dynamic ranges. Common applications for the
NI 446x include audio test, automotive test, noise, vibration, and
harshness (NVH) analysis, and machine condition monitoring (MCM).
The NI 446x devices offer a complete range of functionality for sound
and vibration monitoring and analysis applications. With either two inputs
and two outputs, or four inputs, they are ideal for applications where
simultaneous generation and acquisition of noise, vibration, and acoustic
signals are required. You can synchronize the acquisition clock of your
NI 446x with other instruments in your system for mixed-signal
applications. Both analog and digital triggering are available on an NI 446x.
Hardware
Applications
• Audio Test
• Noise, Vibration, and Harshness Test
• Machine Condition Monitoring
• Sound Power
• Structural Vibration
• Pass-by Noise
Analog Inputs
The analog input channels of NI 446x devices have 24-bit resolution ADCs
that are simultaneously sampled at software-programmable rates for
standard audio applications, such as 44.1 kS/s (the standard rate used in
CD players), 48.0 kS/s (the rate used in digital audio tape (DAT) recorders
and other digital audio equipment), 96.0 kS/s, and 192 kS/s. An NI 446x is
well-suited for audio, sound, and vibration analysis applications.
The analog inputs offer programmable AC/DC coupling. A programmable
gain amplifier stage on the inputs gives gain selection from -20 to +30 dB
in 10 dB steps. Furthermore, to provide you with the quietest and
highest-quality analog measurements, the input stage accepts
differential or single-ended signal connections.
• 2 or 4 simultaneously sampled
analog inputs
• 2 simultaneously updated
analog outputs (NI 4461 only)
• 118 dB dynamic range, 24-bit resolution
• 204.8 kS/s maximum sampling rate
• 92 kHz alias-free bandwidth
• Input range from ±316 mV to 42.4 V
• 6 gain settings
• AC/DC coupling
• Antialiasing and anti-imaging protection
• IEPE conditioning – software-configurable
• Multimodule synchronization
Operating Systems
• Windows 2000/NT/XP
Recommended Software
• LabVIEW
• LabVIEW Real-Time Module
• LabVIEW Sound and
Vibration Toolkit
• LabVIEW Order Analysis Toolkit
• LabWindows/CVI
• Measurement Studio
Measurement Services Software
(included)
• NI-DAQmx
Calibration Certificate Available
NI 4461, NI 4462
Product
Bus
Analog
Inputs
Input
Resolution
Sampling
Rate
Input
Range
Input
Configuration
Analog
Outputs
Output
Resolution
Update
Rate
Output
Range
Triggering
NI 4461
PXI, PCI
2
24 bits
204.8 kS/s
±316 mV to 42.4 V
Differential/pseudodifferential
2
24 bits
204.8 kS/s
±100 mV to 10 V Analog/digital
NI 4462
PXI, PCI
4
24 bits
204.8 kS/s
±316 mV to 42.4 V
Differential/pseudodifferential
0
Analog/digital
Table 1. NI 446x Channel, Speed, and Resolution Specifications
Figure 1. These 24-bit delta-sigma converters deliver outstanding dynamic range.


Similar Part No. - 779307-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
779303-01 NI-779303-01 Datasheet
1Mb / 6P
   IEEE 1394 Image Acquisition with Digital I/O
More results

Similar Description - 779307-01

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCI-4474 NI-PCI-4474 Datasheet
362Kb / 4P
   24-Bit, 102.4 kS/s, 8 and 4-Channel Dynamic Signal Acquisition
logo
Adlink Technology Inc.
PCI-9527 ADLINK-PCI-9527 Datasheet
222Kb / 2P
   24-Bit High-Resolution Dynamic Signal Acquisition and Generation Modules
logo
Advantech Co., Ltd.
PCIE-1803 ADVANTECH-PCIE-1803 Datasheet
510Kb / 1P
   8-ch, 24-bit, 128 kS/s Dynamic Signal Acquisition PCI Express Card
13-Jan-2020
PCIE-1802 ADVANTECH-PCIE-1802 Datasheet
407Kb / 1P
   8-Ch, 24-Bit, 216 kS/s Dynamic Signal Acquisition PCI Express Card
7-Jan-2020
USB-5801 ADVANTECH-USB-5801 Datasheet
359Kb / 1P
   4-ch, 24-bit, 192 kS/s Dynamic Signal Acquisition USB 3.0 I/O Module
logo
List of Unclassifed Man...
USB-2405 ETC2-USB-2405 Datasheet
792Kb / 2P
   4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
Adlink Technology Inc.
USB-2405 ADLINK-USB-2405 Datasheet
298Kb / 2P
   2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
National Instruments Co...
NICF-6004 NI-NICF-6004 Datasheet
286Kb / 3P
   14-Bit, 200 kS/s Data Acquisition with PDAs
NI9234 NI-NI9234 Datasheet
380Kb / 10P
   4-Channel, 짹5 V, 51.2 kS/s per Channel, 24-Bit IEPE
NIPXI-6224 NI-NIPXI-6224 Datasheet
731Kb / 22P
   Low-Cost M Series Multifunction Data Acquisition - 16-Bit, 250 kS/s, up to 80 Analog Inputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com