Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA220041M Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PTFA220041M
Description  High Power RF LDMOS Field Effect Transistor 4 W, 700 - 2200 MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA220041M Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PTFA220041M Datasheet HTML 4Page - Infineon Technologies AG PTFA220041M Datasheet HTML 5Page - Infineon Technologies AG PTFA220041M Datasheet HTML 6Page - Infineon Technologies AG PTFA220041M Datasheet HTML 7Page - Infineon Technologies AG PTFA220041M Datasheet HTML 8Page - Infineon Technologies AG PTFA220041M Datasheet HTML 9Page - Infineon Technologies AG PTFA220041M Datasheet HTML 10Page - Infineon Technologies AG PTFA220041M Datasheet HTML 11Page - Infineon Technologies AG PTFA220041M Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet
8 of 18
Rev. 08, 2010-06-07
PTFA220041M
Confidential, Limited Internal Distribution
Reference Circuit, 1842 MHz (cont.)
Electrical Characteristics at 1842 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Input
TL101
0.005 λ, 41.75 W
W = 1.524, L = 0.508
W = 60, L = 20
TL102
0.021 λ, 51.98 W
W = 1.087, L = 2.108
W = 43, L = 83
TL103
W = 1.524
W = 60
TL104
0.019 λ, 25.04 W
W = 3.048, L = 1.778
W = 120, L = 70
TL105
0.052 λ, 41.75 W
W = 1.524, L = 5.08
W = 60, L = 200
TL106
0.013 λ, 41.75 W
W = 1.524, L = 1.27
W = 60, L = 50
TL107
0.015 λ, 54.17 W
W = 1.016, L = 1.524
W = 40, L = 60
TL108
0.033 λ, 51.98 W
W = 1.087, L = 3.264
W = 43, L = 129
TL109
0.149 λ, 51.98 W
W = 1.087, L = 14.681
W = 43, L = 578
TL110
0.034 λ, 51.98 W
W = 1.087, L = 3.378
W = 43, L = 133
TL111
0.008 λ, 51.98 W
W1 = 1.087, W2 = 1.087, W3 = 0.813
W1 = 43, W2 = 43, W3 = 32
TL112, TL113, TL115, TL116
W = 0, L = 0
W = 0, L = 0
TL114, TL 117
W1 = 1.087, W2 = 0.813, W3 = 1.087
W1 = 43, W2 = 32, W3 = 43,
W4 = 0.813
W4 = 32
TL118
W1 = 3.048, W2 = 0.762, W3 = 3.048,
W1 = 120, W2 = 30, W3 = 120,
W4 = 0.762
W4 = 30
Output
TL201, TL225, TL226
W1 = 0.025, W2 = 0.025
W1 = 1, W2 = 1
TL202
0.013 λ, 41.75 W
W1 = 1.524, W2 = 1.524, W3 = 1.27
W1 = 60, W2 = 60, W3 = 50
TL203
0.005 λ, 41.75 W
W = 1.524, L = 0.508
W = 60, L = 20
TL204
0.016 λ, 41.75 W
W = 1.524, L = 1.524
W = 60, L = 60
TL205
0.039 λ, 41.75 W
W1 = 1.524, W2 = 1.524, W3 = 3.81
W1 = 60, W2 = 60, W3 = 150
TL206, TL207
0.016 λ, 41.75 W
W1 = 1.524, W2 = 1.524, W3 = 1.524
W1 = 60, W2 = 60, W3 = 60
TL208
0.008 λ, 25.04 W
W1 = 3.048, W2 = 3.048, W3 = 0.762
W1 = 120, W2 = 120, W3 = 30
TL209
W = 1.087, W2 = 3.048
W = 43, W2 = 120
TL210
0.019 λ, 25.04 W
W = 3.048, L = 1.778
W = 120, L = 70
TL211
0.014 λ, 41.75 W
W = 1.524, L = 1.346
W = 60, L = 53
TL212
0.013 λ, 63.89 W
W = 0.762, L = 1.27
W = 30, L = 50
TL213
0.031 λ, 51.98 W
W = 1.087, L = 3.073
W = 43, L = 121
TL214
0.163 λ, 47.12 W
W = 1.27, L = 15.926
W = 50, L = 627
TL215
0.074 λ, 47.12 W
W = 1.27, L = 7.29
W = 50, L = 287
TL216
0.076 λ, 15.92 W
W = 5.283, L = 6.986
W = 208, L = 275
TL217
0.123 λ, 51.98 W
W = 1.087, L = 12.103
W = 43, L = 477
TL218
0.033 λ, 51.98 W
W = 1.087, L = 3.264
W = 43, L = 129
TL219, TL221, TL222
0.008 λ, 51.98 W
W1 = 1.087, W2 = 1.087, W3 = 0.813
W1 = 43, W2 = 43, W3 = 32
TL220
0.060 λ, 51.98 W
W = 1.087, L = 5.867
W = 43, L = 231
TL223
0.016 λ, 41.75 W
W = 1.524, L = 1.524
W = 60, L = 60
TL224
0.149 λ, 47.12 W
W = 1.27, L = 14.554
W = 50, L = 573
Table continued next page


Similar Part No. - PTFA220041M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220041M INFINEON-PTFA220041M Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220041MV4R1K INFINEON-PTFA220041MV4R1K Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220041MV4R1KXUMA1 INFINEON-PTFA220041MV4R1KXUMA1 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
More results

Similar Description - PTFA220041M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA220081M INFINEON-PTFA220081M Datasheet
1Mb / 17P
   High Power RF LDMOS Field Effect Transistor 8 W, 700-2200 MHz
Rev. 04, 2010-06-09
PTFA220121M INFINEON-PTFA220121M Datasheet
245Kb / 19P
   High Power RF LDMOS Field Effect Transistor 12 W, 700-2200 MHz
Rev. 07, 2010-04-15
PTFA220041M INFINEON-PTFA220041M_16 Datasheet
331Kb / 18P
   High Power RF LDMOS Field Effect Transistor 4 W, 28 V, 700 ??2200 MHz
Rev. 10.1, 2016-06-01
PTFA220121M INFINEON-PTFA220121M_15 Datasheet
381Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
Rev. 10, 2015-10-23
logo
Cree, Inc
PTFA220121M CREE-PTFA220121M Datasheet
955Kb / 21P
   High Power RF LDMOS Field Effect Transistor 12 W, 28 V, 700 ??2200 MHz
logo
Tyco Electronics
MAPLST0822-002PP MACOM-MAPLST0822-002PP Datasheet
259Kb / 10P
   RF Power Field Effect Transistor LDMOS, 800-2200 MHz, 2W, 28V
logo
Infineon Technologies A...
PTFB241402F INFINEON-PTFB241402F Datasheet
556Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 03, 2010-04-19
PTFB241402F INFINEON-PTFB241402F_16 Datasheet
810Kb / 13P
   High Power RF LDMOS Field Effect Transistor 140 W, 2300 ??2400 MHz
Rev. 04.1, 2016-06-15
PTFB213004F INFINEON-PTFB213004F Datasheet
674Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110-2170 MHz
Rev. 05.2, 2010-12-09
PTFB213004F INFINEON-PTFB213004F_16 Datasheet
740Kb / 16P
   High Power RF LDMOS Field Effect Transistor 300 W, 2110 ??2170 MHz
Rev. 05.3, 2016-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com