Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTFA190451E Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFA190451E
Description  Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1930 - 1990 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA190451E Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFA190451E Datasheet HTML 2Page - Infineon Technologies AG PTFA190451E Datasheet HTML 3Page - Infineon Technologies AG PTFA190451E Datasheet HTML 4Page - Infineon Technologies AG PTFA190451E Datasheet HTML 5Page - Infineon Technologies AG PTFA190451E Datasheet HTML 6Page - Infineon Technologies AG PTFA190451E Datasheet HTML 7Page - Infineon Technologies AG PTFA190451E Datasheet HTML 8Page - Infineon Technologies AG PTFA190451E Datasheet HTML 9Page - Infineon Technologies AG PTFA190451E Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Data Sheet
10 of 10
Rev. 03.1, 2009-02-20
PTFA190451E/F V4
Confidential, Limited Internal Distribution
Revision History:
2009-02-20
Data Sheet
Previous Version:
2006-04-21, PTFA 190451E/F V1, Data Sheet
Page
Subjects (major changes since last revision)
1, 2, 8, 9, 10
New package and new product version.
7
Fixed typing error
GOLDMOS®
is a registered trademark of Infineon Technologies AG.
Edition 2009-02-20
Published by
InfineonTechnologies AG
81726 Munich, Germany
© 2009 InfineonTechnologies AG
All Rights Reserved.
Legal Disclaimer
The information given in this document shall in no event be regarded as a guarantee of conditions or
characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any
information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties
and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of
any third party.
Information
For further information on technology, delivery terms and conditions and prices, please contact the nearest
Infineon Technologies Office (
www.infineon.com/rfpower).
Warnings
Due to technical requirements, components may contain dangerous substances. For information on the types in
question, please contact the nearest Infineon Technologies Office.
Infineon Technologies components may be used in life-support devices or systems only with the express written
approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of
that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices
or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect
human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
highpowerRF@infineon.com
To request other information, contact us at:
+1 877 465 3667 (1-877-GO-LDMOS) USA
or +1 408 776 0600 International


Similar Part No. - PTFA190451E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA191001E INFINEON-PTFA191001E Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA191001F INFINEON-PTFA191001F Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA192001E INFINEON-PTFA192001E Datasheet
285Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Rev. 05, 2008-05-15
PTFA192001E INFINEON-PTFA192001E Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
PTFA192001E INFINEON-PTFA192001E_15 Datasheet
734Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07, 2015-03-04
More results

Similar Description - PTFA190451E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFA191001E INFINEON-PTFA191001E Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA192001E INFINEON-PTFA192001E Datasheet
285Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Rev. 05, 2008-05-15
PTFB192503EL INFINEON-PTFB192503EL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
PTFB193404F INFINEON-PTFB193404F_16 Datasheet
665Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930 ??1990 MHz
Rev. 05.2, 2016-06-14
PTFB193404F INFINEON-PTFB193404F Datasheet
244Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930-1990 MHz
Rev. 04, 2011-02-07
PTF191601F INFINEON-PTF191601F Datasheet
206Kb / 10P
   Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz
2004-09-16
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
PTFB193404F CREE-PTFB193404F Datasheet
610Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 340 W, 30 V, 1930 ??1990 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com