Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F396KWQN-G-SNERE1 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB95F396KWQN-G-SNERE1
Description  8-bit Microcontrollers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F396KWQN-G-SNERE1 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB95F396KWQN-G-SNERE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB95F396KWQN-G-SNERE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB95F396KWQN-G-SNERE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB95F396KWQN-G-SNERE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB95F396KWQN-G-SNERE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB95F396KWQN-G-SNERE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB95F396KWQN-G-SNERE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB95F396KWQN-G-SNERE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB95F396KWQN-G-SNERE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 72 page
background image
MB95390H Series
4
DS07–12632–2E
(Continued)
Part number
Parameter
MB95F394H
MB95F396H
MB95F398H
MB95F394K
MB95F396K
MB95F398K
UART/SIO
1 channel
• Data transfer with UART/SIO is enabled.
• It has a full duplex double buffer, variable data length (5/6/7/8 bits), a built-in baud rate
generator and an error detection function.
• It uses the NRZ type transfer format.
• LSB-first data transfer and MSB-first data transfer are available to use.
• Clock-asynchronous (UART) serial data transfer and clock-synchronous (SIO) serial data
transfer is enabled.
I2C
1 channel
• Master/slave transmission and receiving
• It has the following functions: bus error function, arbitration function, transmission direction
detection function, wake-up function, and functions of generating and detecting repeated
START conditions.
8/16-bit PPG
3 channels
• Each channel of PPG can be used as two 8-bit PPG channels or a single 16-bit PPG channel.
• The counter operating clock can be selected from eight clock sources.
16-bit PPG
• PWM mode and one-shot mode are available to use.
• The counter operating clock can be selected from eight clock sources.
• It supports external trigger start.
• It can work independently or together with the multi-pulse generator.
16-bit reload
timer
• Two clock modes and two counter operating modes are available to use.
• It can output square waveform.
• Count clock: it can be selected from internal clocks (seven types) and external clocks.
• Two counter operating modes: reload mode and one-shot mode
• It can work independently or together with the multi-pulse generator.
Multi-pulse
generator (for
DC motor
control)
• 16-bit PPG timer: 1 channel
• 16-bit reload timer operations: toggle output, one-shot output
• Event counter: 1 channel
• Waveform sequencer (including a 16-bit timer equipped with a buffer and a compare clear
function)
Watch prescaler Eight different time intervals can be selected.
Flash memory
• It supports automatic programming, Embedded Algorithm, and write/erase/erase-suspend/
erase-resume commands.
• It has a flag indicating the completion of the operation of Embedded Algorithm.
• Number of write/erase cycles: 100000
• Data retention time: 20 years
• Flash security feature for protecting the content of the Flash memory
Standby mode
Sleep mode, stop mode, watch mode, time-base timer mode
Package
FPT-48P-M49
FPT-52P-M02
LCC-48P-M11


Similar Part No. - MB95F396KWQN-G-SNERE1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F396KWQN-G-SNERE1 CYPRESS-MB95F396KWQN-G-SNERE1 Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
More results

Similar Description - MB95F396KWQN-G-SNERE1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com