Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB95F398HPMC-G-SNE2 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB95F398HPMC-G-SNE2
Description  8-bit Microcontrollers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F398HPMC-G-SNE2 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB95F398HPMC-G-SNE2 Datasheet HTML 6Page - Fujitsu Component Limited. MB95F398HPMC-G-SNE2 Datasheet HTML 7Page - Fujitsu Component Limited. MB95F398HPMC-G-SNE2 Datasheet HTML 8Page - Fujitsu Component Limited. MB95F398HPMC-G-SNE2 Datasheet HTML 9Page - Fujitsu Component Limited. MB95F398HPMC-G-SNE2 Datasheet HTML 10Page - Fujitsu Component Limited. MB95F398HPMC-G-SNE2 Datasheet HTML 11Page - Fujitsu Component Limited. MB95F398HPMC-G-SNE2 Datasheet HTML 12Page - Fujitsu Component Limited. MB95F398HPMC-G-SNE2 Datasheet HTML 13Page - Fujitsu Component Limited. MB95F398HPMC-G-SNE2 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
MB95390H Series
10
DS07–12632–2E
■ PIN FUNCTIONS
(Continued)
Pin no.
Pin
name
I/O
circuit
type*4
Function
LQFP48*1
QFN48*2
LQFP52*3
111
PG2
C
General-purpose I/O port
X1A
Subclock I/O oscillation pin
SNI2
Trigger input pin for the position detection function
of the MPG waveform sequencer
222
PG1
C
General-purpose I/O port
X0A
Subclock input oscillation pin
SNI1
Trigger input pin for the position detection function
of the MPG waveform sequencer
333
VCC
Power supply pin
4
4
4
C
Capacitor connection pin
555
P40
K
General-purpose I/O port
AN08
A/D converter analog input pin
666
P41
K
General-purpose I/O port
AN09
A/D converter analog input pin
——
7
NC
It is an internally connected pin. Always leave it
unconnected.
778
P42
K
General-purpose I/O port
AN10
A/D converter analog input pin
889
P43
K
General-purpose I/O port
AN11
A/D converter analog input pin
99
10
P44
G
General-purpose I/O port
TO1
16-bit reload timer ch. 0 output pin
10
10
11
P45
G
General-purpose I/O port
SCK
LIN-UART clock I/O pin
11
11
12
P46
G
General-purpose I/O port
SOT
LIN-UART data output pin
12
12
13
P47
J
General-purpose I/O port
SIN
LIN-UART data input pin
13
13
14
P10
G
General-purpose I/O port
PPG10
8/16-bit PPG ch. 1 output pin
14
14
15
P11
G
General-purpose I/O port
PPG11
8/16-bit PPG ch. 1 output pin
15
15
16
P12
H
General-purpose I/O port
DBG
DBG input pin
16
16
17
P13
G
General-purpose I/O port
PPG00
8/16-bit PPG ch. 0 output pin


Similar Part No. - MB95F398HPMC-G-SNE2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F398HPMC-G-SNE2 CYPRESS-MB95F398HPMC-G-SNE2 Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
More results

Similar Description - MB95F398HPMC-G-SNE2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
   8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com