Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTE-205S5 Datasheet(PDF) 1 Page - QUARTZCOM the communications company

Part # VTE-205S5
Description  Through hole VC-TCXO Sine wave Frequency range up to 200 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUARTZCOM [QUARTZCOM the communications company]
Direct Link  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company

VTE-205S5 Datasheet(HTML) 1 Page - QUARTZCOM the communications company

  VTE-205S5 Datasheet HTML 1Page - QUARTZCOM the communications company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VTE-205S
Through hole VC-TCXO
Sine wave
2002/95/EC RoHS compliant
02 May. 10
QuartzCom AG
QuartzCom Asia
QuartzCom USA
sales@quartzcom.com
sales-asia@quartzcom.com
sales-usa@quartzcom.com
www.quartzcom.com
Features
Applications: mobile communications, instrumentation
Frequency range up to 200 MHz
Tight frequency stability vs. temperature
Low phase noise
Specification
Parameter
VTE-205S3
VTE-205S 5
Frequency range
9.6 ~ 200 MHz
Standard frequencies
10.00, 12.80, 13.00, 16.384, 20.00, 25.00, 38.40 & 40.00 MHz
Frequency stability:
vs. temperature
≤ ±0.5 ~ ±2.5 ppm
vs. supply & load change
≤ ±0.2 ppm
±5 %
vs. aging
≤ ±1.0 ppm
1
st year
Frequency tolerance ex. factory
≤ ±0.5 ppm
@ +25 °C
Supply voltage
+3.3 V
±5 %
+5.0 V
±5 %
Supply current
3 ~ 30 mA
Output signal
sine wave
Output level
3 dBm ±3 dBm
9 dBm ±2 dBm
Output load
50 Ω
Frequency pulling range
± 10 ~ ±25 ppm
Voltage control
+1.65 V
±1.50 V
+2.5 V
±2.0 V
Frequency adjustment (optional)
> ±5 ppm
with internal trimmer
Operating temperature range
-30 ~ +75 °C
commercial application
-40 ~ +85 °C
industrial application
Storage temperature range
-55 ~ +125 °C
Packaging unit
cardboard box
50 pieces
Customer specifications on request
Pin function
# 1
Vdc Supply voltage
# 2
RF Output
# 3
GND
# 4
Vc Voltage control
# 5
GND
Phase noise @ 25 MHz
-100 dBc/Hz
@
10 Hz
-130 dBc/Hz
@
100 Hz
-145 dBc/Hz
@
1 kHz
-150 dBc/Hz
@
10 kHz
-155 dBc/Hz
@ 100 kHz
Environmental & Mechanical specification
Shock
Vibration
Solderability
Seal integrity
MIL-STD-883C, Method 2002, Con B
MIL-STD-883C, Method 2007, Con A
MIL-STD-883C, Method 2003
MIL-STD-883C, Method 2014, Con C&A2


Similar Part No. - VTE-205S5

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VTE-205A QUARTZCOM-VTE-205A Datasheet
90Kb / 1P
   Through hole VC-TCXO Clipped sine wave Low phase noise
VTE-205A3 QUARTZCOM-VTE-205A3 Datasheet
90Kb / 1P
   Through hole VC-TCXO Clipped sine wave Low phase noise
VTE-205A5 QUARTZCOM-VTE-205A5 Datasheet
90Kb / 1P
   Through hole VC-TCXO Clipped sine wave Low phase noise
VTE-205H QUARTZCOM-VTE-205H Datasheet
90Kb / 1P
   Through hole VC-TCXO HCMOS / TTL compatible Tight frequency stability vs. temperature
VTE-205H3 QUARTZCOM-VTE-205H3 Datasheet
90Kb / 1P
   Through hole VC-TCXO HCMOS / TTL compatible Tight frequency stability vs. temperature
More results

Similar Description - VTE-205S5

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VTO-SH-S-4P QUARTZCOM-VTO-SH-S-4P Datasheet
165Kb / 1P
   SMD VC-TCXO Sine wave Wide frequency range up to 200 MHz
VTO-SW-S-8P QUARTZCOM-VTO-SW-S-8P Datasheet
150Kb / 1P
   SMD VC-TCXO Sine wave Wide frequency range up to 500 MHz
TXO-SH-S-4P QUARTZCOM-TXO-SH-S-4P Datasheet
208Kb / 1P
   SMD TCXO Sine wave Wide frequency range up to 200 MHz
VTO-SK-S-4P QUARTZCOM-VTO-SK-S-4P Datasheet
163Kb / 1P
   SMD VC-TCXO Sine wave Wide frequency range up to 400 MHz
VT2-802V QUARTZCOM-VT2-802V Datasheet
122Kb / 1P
   Wide pulling SMD VC-TCXO Clipped sine wave Frequency range up to 50 MHz
VT3-801V QUARTZCOM-VT3-801V Datasheet
120Kb / 1P
   Wide pulling SMD VC-TCXO Clipped sine wave Frequency range up to 50 MHz
TXO-SK-S-4P QUARTZCOM-TXO-SK-S-4P Datasheet
207Kb / 1P
   SMD TCXO Sine wave Wide frequency range up to 400 MHz
TXO-SW-S-8P QUARTZCOM-TXO-SW-S-8P Datasheet
227Kb / 1P
   SMD TCXO Sine wave Wide frequency range up to 500 MHz
VTO-SK-H-4P QUARTZCOM-VTO-SK-H-4P Datasheet
115Kb / 1P
   SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
VTO-P9-H-6P QUARTZCOM-VTO-P9-H-6P Datasheet
120Kb / 1P
   SMD VC-TCXO HCMOS Wide frequency range up to 200 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com