Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX6SWT-A1-0000-000DE5 Datasheet(PDF) 1 Page - Cree, Inc

Part # MX6SWT-A1-0000-000DE5
Description  Cree XLamp MX-6S LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MX6SWT-A1-0000-000DE5 Datasheet(HTML) 1 Page - Cree, Inc

  MX6SWT-A1-0000-000DE5 Datasheet HTML 1Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 2Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 3Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 4Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 5Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 6Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 7Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 8Page - Cree, Inc MX6SWT-A1-0000-000DE5 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/xlamp
Cree® XLamp® MX-6S LEDs
Data Sheet
The Cree XLamp MX-6S LED provides the proven lighting-class performance and
reliability of Cree XLamp LEDs in a high voltage, PLCC configuration. All members
of the MX-family of LEDs have wide viewing angle, uniform light output without
secondary optics, unlimited floor life, and electrically neutral thermal path.
The XLamp MX-6S LED brings high performance and quality of light to a range of
lighting applications that require near-line-voltage configuration, including LED light
bulbs, fluorescent retrofits and retail-display lighting.
Table of Contents
Flux Characteristics (T
J = 25°C)................................................................................................................. 2
Characteristics ........................................................................................................................................2
Relative Spectral Power Distribution ...........................................................................................................3
Relative Flux vs. Junction Temperature (I
F = 65 mA) .................................................................................... 3
Electrical Characteristics (T
J = 25°C) .......................................................................................................... 4
Relative Flux vs. Current (T
J = 25°C) ......................................................................................................... 4
Thermal Design.......................................................................................................................................5
Typical Spatial Distribution........................................................................................................................5
Reflow Soldering Characteristics ................................................................................................................6
Notes.....................................................................................................................................................7
Mechanical Dimensions (T
A = 25°C) ........................................................................................................... 8
Tape and Reel .........................................................................................................................................9
Packaging............................................................................................................................................. 10
FEATURES
Available in white (2,600 K to 8,300 K CCT)
Wide viewing angle: 120°
20 VDC nominal with voltage binning available
Electrically neutral thermal path
Qualification at max drive current
RoHS-compliant
Unlimited floor life at ≤ 30°C/85% RH


Similar Part No. - MX6SWT-A1-0000-000DE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX6SWT-A1-0000-000DE5 CREE-MX6SWT-A1-0000-000DE5 Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
MX6SWT-A1-0000-000DE5 CREE-MX6SWT-A1-0000-000DE5 Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
More results

Similar Description - MX6SWT-A1-0000-000DE5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX-6S CREE-MX-6S Datasheet
1Mb / 12P
   XLamp MX-6S LEDs
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
   Cree XLamp MX-3S LEDs
MX-3S CREE-MX-3S Datasheet
1Mb / 11P
   XLamp MX-3S LEDs
MX-6 CREE-MX-6 Datasheet
1Mb / 12P
   XLamp MX-6 LEDs
MX3AWT-A1-0000-000ADZ CREE-MX3AWT-A1-0000-000ADZ Datasheet
1,017Kb / 24P
   XLamp MX Family LEDs
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
   Cree XLamp XHP35 LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
XM-L2 CREE-XM-L2 Datasheet
1Mb / 14P
   Cree XLamp XM-L2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com